Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS274C65CP Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS274C65CP
Description  TPS274C65CP 72mΩ Quad-Channel Smart High-Side Switch With Diagnostics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS274C65CP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS274C65CP_V02 Datasheet HTML 13Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 14Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 15Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 16Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 17Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 18Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 19Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 20Page - Texas Instruments TPS274C65CP_V02 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
ICL
Current (A)
Current Limit
tRETRY
INOM
ICL_LINPK
Time (s)
ICL_ENPS
Thermal Shutdown
Figure 8-7. Soft Short-Circuit Behavior
In all of these cases, the internal thermal shutdown is safe to hit repetitively. There is no device risk or lifetime
reliability concerns from repeatedly hitting this thermal shutdown level.
8.3.3.2.1 VS During Short-to-Ground
When VOUT is shorted to ground, the module power supply (VS) can see a transient decrease. This decrease is
caused by the sudden increase in current flowing through the cable inductance. For ideal system behavior, TI
recommends that the module supply capacitance be increased by adding bulk capacitance on the power supply
node.
8.3.3.3 Thermal Shutdown Behavior
Figure 8-8 shows the thermal shutdown behavior when LATCH pin is high. As shown, the switch clamps the
current until it hits thermal shutdown, and then the device will remain latched off until the EN or LATCH pin
toggles. Although the device is configured in latched condition, there is an internal tRETRY period. ST pin will
remain low and output will remain OFF even when EN or LATCH toggled within the tRETRY period.
www.ti.com
TPS274C65CP
SLVSH35A – OCTOBER 2023 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPS274C65CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com