Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS274C65ASH Datasheet(PDF) 39 Page - Texas Instruments

Part # TPS274C65ASH
Description  TPS274C65xS 72mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS274C65ASH Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS274C65ASH Datasheet HTML 35Page - Texas Instruments TPS274C65ASH Datasheet HTML 36Page - Texas Instruments TPS274C65ASH Datasheet HTML 37Page - Texas Instruments TPS274C65ASH Datasheet HTML 38Page - Texas Instruments TPS274C65ASH Datasheet HTML 39Page - Texas Instruments TPS274C65ASH Datasheet HTML 40Page - Texas Instruments TPS274C65ASH Datasheet HTML 41Page - Texas Instruments TPS274C65ASH Datasheet HTML 42Page - Texas Instruments TPS274C65ASH Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
Condition
VS
VDD
ENx
OUTx
LATCH(AUTO_
RETRY_DIS)
FLT
FAULT
Recovery
Short to Supply,
Off-state open
load
>VS_UVP
>VDD,UVLO
L
H
X
L
-
Short to GND,
Overload, TSD
>VS_UVP
>VDD,UVLO
H
L
L
L
Auto-retry
>VS_UVP
>VDD,UVLO
H
L
H
L
Latch-off. Fault
recovers when
ENx toggles.
8.3.6.2.1 Current Limit Behavior
IOUTx
t
T_delay
2xICL_Reg
t
FLT
1xICL_Reg
t
ENx
Figure 8-31. FLT Pin Behavior With an Overcurrent Event on Channel Enable
Figure 8-32 shows the device fault and retry behavior when there is a slow creep into an over-current event. As
shown, the switch clamps the current until it hits thermal shutdown, and then the device will remain latched off
until the AUTO_RETRY_DIS bit is low.
www.ti.com
TPS274C65
SLVSFZ2C – APRIL 2023 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com