Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADU2 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # ADU2
Description  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADU2 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 12Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 13Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 14Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 15Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 16Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 17Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 18Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 19Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 162 page
background image
Page 4
ADU2 Operation and Reference Manual
One green flash is associated with each satellite being tracked. Brackets are attached
to the bottom of the case for easy mounting.
Table 1.1 describes the components of the ADU2 Front Panel.
Figure 1.2: ADU2 Front Panel
Table 1.1: ADU2 Front Panel Components
Component
Description
Reset button
This button reboots the ADU2 unit. If the user defined parameters
are not saved, then reset sets the parameters to the factory defaults.
Port A
A complete RS-232 port with full-handshaking. Port A can be used
for communications with a hand-held computer, a personal
computer, or a radio. Port A is used for transferring data from the
receiver to a computer, from a PC to a receiver, and all other
communications to and from the receiver.
Port B
A complete RS-232 port with full-handshaking. Port B can be used
for communications with a hand-held computer, a personal
computer, or a radio. Port B is used for transferring data from the
receiver to a computer, from a PC to a receiver, and all other
communications to and from the receiver.
Port C
An abbreviated RS-232 port that has flow-control only. Port C is
currently inactive and reserved for future use.
Port D
An abbreviated RS-232 port that has flow-control only. Port D is
currently inactive and reserved for future use.
22 cm
10 cm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com