Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN9155 Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # MN9155
Description  Integrated Connector Antennas
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

MN9155 Datasheet(HTML) 1 Page - PCTEL, Inc.

  MN9155 Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCTEL, Inc. WEB: www.antenna.com
MOBILE ANTENNAS
MN SERIES
* Gain is ground plane dependent. Gain measured on a 1x1-ft ground plane.
These integrated connector antennas provide a simple and cost effective solution
for the 900 MHz ISM band. Featuring an N male connector built into the base, these
antennas mount easily to any N female bulkhead or panel mount connector.
Features
• UV-stable polycarbonate base allows years of trouble-free use even in
harsh environments
• Broadband frequency coverage. A single antenna covers the entire 900 MHz ISM band
• Integrated N male connector. Eliminates the use of an adapter by allowing direct
application to many types of radios
Integrated Connector Antennas
MN9155
ELECTRICAL SPECIFICATIONS
Model
Frequency
Range
Gain*
VSWR
Maximum
Power
Nominal
Impedance
Polarization
MN9153
902-928 MHz
3 dBi (with a ground plane)
< 1.5:1
100 watts
50 ohms
Vertical, linear
MN9155
902-928 MHz
5 dBi (with a ground plane)
< 1.5:1
100 watts
50 ohms
Vertical, linear
STANDARD CONFIGURATION
Model
Mount
MN9153
Direct Mount interface. N male connector built in to interface with N Female connector.
MN9155
Direct Mount interface. N male connector built in to interface with N Female connector.
Molded Base Antennas
MECHANICAL SPECIFICATIONS
Model
Height
Radiator
Bushing
Housing Material
MN9153
13.2" (33.5 cm)
.100" diameter, 17-7 PH SST
Nickel plated brass
Black Polycarbonate
MN9155
22.5" (57.1 cm)
.100" diameter, 17-7 PH SST
Nickel plated brass
Black Polycarbonate
RoHS
COMPLIANT


Similar Part No. - MN9155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN9100 ETC2-MN9100 Datasheet
84Kb / 2P
Alkaline Manganese Dioxide Battery
MN9100 ETC2-MN9100 Datasheet
275Kb / 5P
Alkaline-Manganese Dioxide Battery
MN918 ETC2-MN918 Datasheet
275Kb / 5P
Alkaline-Manganese Dioxide Battery
More results

Similar Description - MN9155

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
Picocell Antennas
logo
Microsemi Corporation
MDT5864 MICROSEMI-MDT5864 Datasheet
167Kb / 2P
HORN ANTENNAS
logo
Pulse A Technitrol Comp...
W1047 PULSE-W1047 Datasheet
158Kb / 5P
ANTENNAS
logo
Laird Tech Smart Techno...
RD2458-5 LSTD-RD2458-5 Datasheet
449Kb / 2P
Amplified antennas
logo
Pulse A Technitrol Comp...
IOT-K PULSE-IOT-K Datasheet
388Kb / 5P
IoT Antennas
ISM-K PULSE-ISM-K Datasheet
394Kb / 4P
ISM Antennas
LORA-K PULSE-LORA-K Datasheet
423Kb / 4P
LORA Antennas
SPWH24918 PULSE-SPWH24918 Datasheet
994Kb / 4P
PORTABLE ANTENNAS
logo
Molex Electronics Ltd.
987651-3851 MOLEX-987651-3851 Datasheet
403Kb / 2P
Combo Antennas
2020.09
987651-5071 MOLEX-987651-5071 Datasheet
1Mb / 2P
GNSS Antennas
2020.02
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com