| Electronic Components Datasheet Search |
|
VG202XM Datasheet(PDF) 8 Page - Cisco Systems, Inc. |
|
|
|||||||||||||||||||||||||||||
VG202XM Datasheet(HTML) 8 Page - Cisco Systems, Inc. |
|
8 / 9 page ![]() © 2013 Cisco and/or its affiliates. All rights reserved. This document is Cisco Public Information. Page 8 of 9 Category Cisco VG350 Cisco VG224 Cisco VG204XM and VG202XM Certifications Safety ● UL 60950-1 ● CAN/CSA C22.2 No. 60950-1 ● EN 60950-1 ● AS/NZS 60950-1 ● IEC 60950-1 ● UL 60950 3 rd edition ● IEC 60950 3 rd edition ● AS/NZS 3260: 1993 with Amendments 1, 2, 3, and 4 ● TS001:1996 with Amendment 1 ● UL 60950 ● CAN/CSA C22.2 No. 60950 ● IEC 60950 ● EN 60950-1 ● AS/NZS 60950 Immunity ● EN 55024, CISPR 24 ● EN50082-1 ● EN 61000 ● EN55024 and EN50082-1 (including ● EN 61000 4-2 electrostatic discharge ● EN 61000 4-3 radiated susceptibility ● EN 61000 4-4 electrical fast transients ● EN 61000 4-5 power and signal line surges ● EN 61000 4-6 injected RF swept immunity) post, telephone, and telegraph administration (PTT) ● EN300386 ● EN55024/CISPR24 ● EN50082-1 ● EN61000-6-1 EMC ● 47 CFR, Part 15 ● ICES-003 Class A ● EN55022 Class A ● CISPR22 Class A ● AS/NZS 3548 Class A ● VCCI V-3 ● CNS 13438 ● EN 300-386 ● 47CFR15 Class A (FCC) ● CISPR22 Class A ● EN55022 Class A ● AS/NZS 3548 Class A (ACA) ● ICES003 Class A (Industry Canada) ● V-3 Class A (VCCI) ● CNS13438 Class A (BSMI) ● FCC Part 15 Class B ● ICES-003 Class B ● EN55022 Class B ● CISPR22 Class B ● VCCI Class B ● EN 300386 Class B ● EN61000-3-3 ● EN61000-3-2 TELCOM ● TIA/EIA/IS-968 ● CS-03 ● ANSI T1.101 ● ITU-T G.823, G.824 ● IEEE 802.3 ● RTTE Directive ● Homologation requirements vary by country and interface type. For specific country information, refer to the online approvals data base at: http://www.ciscofax.com. ● The Cisco VG224 platform complies with FCC Part 68, CS- 03, European Directive 99/5/EC, and other standards. ● Homologation requirements vary by country and interface type. For specific country information, refer to the online approvals data base at: http://www.ciscofax.com. ● The Cisco VG202XM and VG204XM platforms comply with FCC Part 68, CS-03, European Directive 99/5/EC, and other standards. ● Homologation requirements vary by country and interface type. For specific country information, refer to the online approvals data base at: http://www.ciscofax.com. This equipment complies with all the regulatory requirements for connection to the communications networks of each country in which it is sold. Ordering Information To order this product, use the information provided in Table 3. Table 3. Ordering Information Product Number Product Description VG350-144FXS/K9 Cisco VG350 144 FXS Bundle VG350-98FXSE/K9 Cisco VG350 96 FXS OPX-Lite Bundle VG350-72F48E/K9 Cisco VG350 72 FXS & 48 FXS OPX-Lite Bundle VG350/K9 Cisco VG350 High Density Voice over IP Analog Gateway (A la carte option) VG224 Cisco VG224 Analog Phone Gateway VG224-4PACK 4 Pack of VG224 Analog Phone Gateway |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |