Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC847X Datasheet(PDF) 12 Page - Sharp Corporation

Part # PC847X
Description  DIP 16pin (4-channel) General Purpose Photocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC847X Datasheet(HTML) 12 Page - Sharp Corporation

Back Button PC847X Datasheet HTML 5Page - Sharp Corporation PC847X Datasheet HTML 6Page - Sharp Corporation PC847X Datasheet HTML 7Page - Sharp Corporation PC847X Datasheet HTML 8Page - Sharp Corporation PC847X Datasheet HTML 9Page - Sharp Corporation PC847X Datasheet HTML 10Page - Sharp Corporation PC847X Datasheet HTML 11Page - Sharp Corporation PC847X Datasheet HTML 12Page - Sharp Corporation PC847X Datasheet HTML 13Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Sheet No.: D2-A03201EN
● Sleeve package
Package materials
Sleeve : HIPS (with anti-static material)
Stopper : Styrene-Elastomer
Package method
MAX. 25pcs of products shall be packaged in a sleeve. Both ends shall be closed by tabbed and tabless
stoppers.
The product shall be arranged in the sleeve with its anode mark on the tabless stopper side.
MAX. 20 sleeves in one case.
Sleeve outline dimensions
■ Package specification
12
(Unit : mm)
12.0
6.7
520
±2
PC847X Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com