Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCNAC-MPX Datasheet(PDF) 6 Page - Neutrik AG

Part # SCNAC-MPX
Description  Circular Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

SCNAC-MPX Datasheet(HTML) 6 Page - Neutrik AG

Back Button SCNAC-MPX Datasheet HTML 2Page - Neutrik AG SCNAC-MPX Datasheet HTML 3Page - Neutrik AG SCNAC-MPX Datasheet HTML 4Page - Neutrik AG SCNAC-MPX Datasheet HTML 5Page - Neutrik AG SCNAC-MPX Datasheet HTML 6Page - Neutrik AG SCNAC-MPX Datasheet HTML 7Page - Neutrik AG SCNAC-MPX Datasheet HTML 8Page - Neutrik AG SCNAC-MPX Datasheet HTML 9Page - Neutrik AG SCNAC-MPX Datasheet HTML 10Page - Neutrik AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
setting standards
6
NAC3MXW
20
____
250
NAC3MXW
20
____
250
NAC3MXW
20
____
250
NAC3MXW
20
____
250
NAC3MXW
20
____
250
NAC3MXW
20
____
250
Plug / end termination
Neutrik NAC3FX-W / stripped open end
Approvals
ENEC, VDE
Standard length
1 m, 1.5 m, 2 m, 3 m, 5 m
Conductor size
3 x 1.5 mm2
Cable type / color / Nom. O.D.
H07RN-F3G1.5 / black / 9.6 mm
Part Number e.g.
NKPF-NC-A-3
Cable type / color / Nom. O.D.
H05VV-F3G1.5 / black / 8.3 mm
Part Number e.g.
NKPF-NC-B-1
Plug / end termination
Neutrik NAC3FX-W / Neutrik NAC3MX-W
Approvals
ENEC, VDE
Standard length
0.5 m, 1 m, 1.5 m
Conductor size
3 x 1.5 mm2
Cable type / color / Nom. O.D.
H07RN-F3G1.5 / black / 9.6 mm
Part Number e.g.
NKPF-M-A-0.5
Cable type / color / Nom. O.D.
H05VV-F3G1.5 / black / 8.3 mm
Part Number e.g.
NKPF-M-B-1
powerCON
TRUE1
powerCON
TRUE1
Specification
READY-MADE POWER CORDS
Ready-made overmolded power cord in protection class IP65. The cable utilizes standard duty cord with 3 conductors
with cross section 1.5 mm2 or AWG 12.
Cables are equipped with Neutrik powerCON TRUE1 NAC3FX-W and NAC3MX-W for extention cables, with an open end
for termination of local connectors for "power in" supply cables or a right-angled Schuko plug. Other local connectors
on request.
Cables are available in different lengths.
International Power Cord 16 A / 250 VAC
International Extension Cord 16 A / 250 VAC
Inter national Cor d
Plug / end termination
Neutrik NAC3FXW / SCHUKO RA Plug
Approvals
ENEC, VDE
Standard length
1 m, 1.5 m, 2 m, 3 m, 5 m, 10 m
Conductor size
3 x 1.5 mm2
Cable type / color / Nom. O.D.
H07RN-F3G1.5 / black / 9.6 mm
Part Number e.g.
NKPF-SR-A-1
Cable type / color / Nom. O.D.
H05VV-F3G1.5 / black / 8.3 mm
Part Number e.g.
NKPF-SR-B-1
International Power Cord 16 A / 250 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com