Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXT4 Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MXT4
Description  32.768 Crystal Unit 2.0 x 1.2mm KHz Tuning Fork
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MXT4 Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MXT4 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MXT4 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MXT4 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Meritek Electronics Corporation | www.meritekusa.com
Rev.3c 03/15/24
32.768 Crystal Unit
2.0 x 1.2mm KHz Tuning Fork
ERITEK
PART NUMBERING SYSTEM
No.
Item
Code
Description
(1)
Meritek Series
MXT2
Ceramic SMD Crystal, KHz TUNING FORK 2.0 x 1.2mm, 2 Pads
(2)
Load Capacitance
B
B: 12.5pF
6-12pF, See option table
(3)
Frequency Tolerance
F
F: ±20ppm
±10~±50ppm, See option table
(4)
Operating Temperature
I
I: -40~+85ºC
-40~125ºC, See option table
(5)
Frequency
32K768
32K768: 32.768KHz
32K768, K: denotes decimal point
PRODUCTS OPTION CODE
Load
Capacitance
(pF)
3
4
5
6
7
8
9
10
12
15
16
18
20
22
25
30
32
*
Code
3
4
5
6
7
8
9
A
B
C
D
E
F
K
G
H
L
Z
Frequency
Tolerance
(ppm)
±10
±15
±20
±25
±30
±50
±100
*
Code
A
C
F
G
H
J
K
Z
Frequency
Stability
(ppm)
±10
±15
±20
±25
±30
±50
±100
*
Code
A
C
F
G
H
J
K
Z
Operating
Temperature
(°C)
-40~70
-40~85
-40~105
-40~125
-40~150
-10~60
0~70
*
Code
4
3/I
2/R
1/Y
0
A
B
Z
Operating
Temperature
(°C)
-55~70
-55~85
-55~105
-55~125
-55~150
-20~70
-30~85
*
Code
9
8
7
6
5
C
K
Z
Note: * Z: None Standard, Custom options available. Contact Meritek for more information
RECOMMENDED SOLDERING PROFILES
Reflow Condition
Pre
Heat
Temp. Min Ts(min)
150°C
Temp. Max Ts(max)
180°C
Time (min. to max.) (ts)
60~120 seconds
Ramp up rate (TL to TP)
1°C/second max.
Ts(max) to TL (Ramp-up rate)
3°C/second max.
Reflow
Temp. (TL)
230°C
Time (min. to max.) (tL)
30~40 seconds
Peak Temperature (TP)
260°C
tp within 5°C of Peak Temperature (tP)
10 seconds max
Ramp-down Rate
6°C/second max.
MXT2 B
F
I
32K768
(1)
(2)
(3)
(4)
(5)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com