Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT2 Datasheet(PDF) 1 Page - Altech corporation

Part # MT2
Description  Marking Tags
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

MT2 Datasheet(HTML) 1 Page - Altech corporation

  MT2 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Marking Tags
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
109
Cat.
Std. Pk.
Dims
No.
Strips Tags
HW
MT2
10
100
4.9
5.8
MT3
20
100
5.0
10.0
MT4
10
100
5.0
4.8
MT5
10
100
9.4
4.5
MT6
10
100
9.4
5.5
MT8
10
100
10.4
7.3
MT9
10
100
10.3
8.7
MT9F
10
10
10.3
90.0
MT10
20
100
10.4
9.4
MT12
20
100
10.4
11.3
MT15
20
100
10.4
14.3
MT20
20
100
4.9
20
MT25
20
100
4.9
25
MT2G
10
100
5.0
5.0
Cat.
Std. Pk.
Dims
No.
Strips Tags
HW
MT2/V
10
100
4.9
5.8
MT3/V
20
100
5.0
10.0
MT4/V
10
100
5.0
4.8
MT5/V
10
100
9.4
4.5
MT6/V
10
100
9.4
5.5
MT8/V
10
100
10.4
7.3
MT9/V
10
100
10.3
8.7
MT9F/V
10
10
10.3
90.0
MT10/V
20
100
10.4
9.4
MT12/V
20
100
10.4
11.3
MT15/V
20
100
10.4
14.3
MT20/V 20
100
4.9
20
MT25/V 20
100
4.9
25
MT2G/V 10
100
5.0
5.0
Cat.
Std. Pk.
Dims
No.
Strips Tags
HW
MT2/H
10
100
4.9
5.8
MT3/H
20
100
5.0
10.0
MT4/H
10
100
5.0
4.8
MT5/H
10
100
9.4
4.5
MT6/H
10
100
9.4
5.5
MT8/H
10
100
10.4
7.3
MT9/H
10
100
10.3
8.7
MT9F/H 10
10
10.3
90.0
MT10/H 20
100
10.4
9.4
MT12/H 20
100
10.4
11.3
MT15/H 20
100
10.4
14.3
MT20/H 20
100
4.9
20
MT25/H 20
100
4.9
25
MT2G/H 10
100
5.0
5.0
Consecutive Digits
(Specify decade)
Nos. 1-10, 11-20, etc. up to 100 *
Nos. 101-110, etc. up to 999 *
Consecutive Digits
(Specify decade)
Nos. 1-10, 11-20, etc. up to 100
Nos. 101-110, etc. up to 999
Identical Characters
(Specify digits, characters)
Nos. 1, 2, 3 etc. up to 999 *
Characters A, B.up to Z,
Symbols +, -,
*
Group Marker,
shown imprinted and
attached to CA 702.
Blank and custom
printing available.
Cat. No. MTG1
BLANK MARKING TAGS
Marking Tags
The
cost
effective
MT
marking system provides
quick and accurate identifi-
cation.
MT
Push-On
Marking Tags fit all Altech
DIN Rail mount and panel
mount
terminal
blocks.
They can be inserted indi-
vidually or as strips of 10
tags on terminal block
assemblies for quick and
easy marking.
MT Marking Tags are sup-
plied blank for custom
marking or they can be
ordered with a horizontal
or vertical imprint. The
standard tag color is white
with black imprint. Tags
can be ordered with up to
3 characters each. Imprints
can be either consecutive
or identical characters. MT
tags,
catalog
numbers
MT2-MT8 are supplied in
packs of identical strips, 10
tags
per
strip.
Catalog
numbers MT10-MT15 are
supplied in packs of identi-
cal strips, 5 tags per strip.
Group marker MTG1 is
used for group identifica-
tion and can be fixed on
the end stop CA702.
When ordering specify
strip marking as a suffix;
i.e. MT2/H-1-10.
Warning Labels
These 5 position warning
labels can be mounted on
top of 8 mm Terminal
Blocks.
Besides
giving
visual identification, it also
makes an entire DIN Rail
Terminal Block assembly
completely shock proof.
SWL6 warning labels are
suitable
for
CTS6U,
CMDB6 and CDB6 series
Terminal Blocks.
VERTICAL MARKING TAGS
HORIZONTAL MARKING TAGS
Material:
Polyamide 6.6
Dimensions
H x L x W:
4 x 39.5 x 27 mm
Cat. No.
Std. Pk.
SWL6
50
Suitable for: All DIN Rails
SWL6


Similar Part No. - MT2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT2 MACOM-MT2 Datasheet
488Kb / 9P
MT2 Relay
logo
Volgen Kaga Electronics...
MT2-0505SI VOLGEN-MT2-0505SI Datasheet
213Kb / 2P
2 WATT DC//DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
MT2-0512SI VOLGEN-MT2-0512SI Datasheet
213Kb / 2P
2 WATT DC//DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
MT2-0512WI VOLGEN-MT2-0512WI Datasheet
213Kb / 2P
2 WATT DC//DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
MT2-0515SI VOLGEN-MT2-0515SI Datasheet
213Kb / 2P
2 WATT DC//DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
More results

Similar Description - MT2

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
LH15 CMLMICRO-LH15 Datasheet
84Kb / 1P
Bayonet Holder with solder tags
logo
AVX Corporation
TAJA106M006RNJ AVX-TAJA106M006RNJ Datasheet
63Kb / 1P
Marking
logo
List of Unclassifed Man...
LH14 ETC2-LH14 Datasheet
82Kb / 1P
MES Lampholder with solder tags
logo
AVX Corporation
TAJD476M010RNJ AVX-TAJD476M010RNJ Datasheet
63Kb / 1P
Marking
logo
Marl International Limi...
675-501-00-50 MARL-675-501-00-50_15 Datasheet
319Kb / 4P
Silver plated brass termination tags
logo
Cooper Bussmann, Inc.
GG710 COOPER-GG710_15 Datasheet
165Kb / 3P
GG BS88 Centre bolted tags
GF710 COOPER-GF710_15 Datasheet
152Kb / 3P
GF BS88 Centre bolted tags
ESD2 COOPER-ESD2_15 Datasheet
88Kb / 4P
ESD BS88 Offset blade tags
logo
List of Unclassifed Man...
GF710 ETC1-GF710 Datasheet
152Kb / 3P
GF BS88 Centre bolted tags
logo
KEC(Korea Electronics)
MBRD20U100CT KEC-MBRD20U100CT Datasheet
22Kb / 1P
Laser Marking or Ink Marking
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com