Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACK Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACK
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACK Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACK Datasheet HTML 1Page - NIC-Components Corp. NACK Datasheet HTML 2Page - NIC-Components Corp. NACK Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
44
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA rms AT 100KHz AND 105OC)
Surface Mount Aluminum Electrolytic Capacitors
NACK Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• VERY LOW IMPEDANCE (Up to 60% lower than NACZ)
• WIDE TEMPERATURE RANGE (-55 +105OC)
• REDUCED SIZE (Up to 50% smaller than NACZ)
• DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING
CHARACTERISTICS
Cap (
µF)
Working Voltage (Vdc)
6.3
10162535506380
100
3.3
-------
25
-
4.7
-
-
-
-
90605040
-
10
-
-
90
90
90
85
80
60
-
160
165
60
22
90
90
90
160
160
165
120
130
130
160
120
33
-
90
-
160
240
195
250
130
200
160
240
195
47
90
-
160
240
240
195
250
200
500
160
240
195
68
-
-
240
240
280
-
250
500
500
100
160
-
240
280
280
350
400
500
793
240
300
600
150
-
240
280
600
600
670
800
500
793
220
240
160
280
600
600
670
800
-
917
300
300
330
280
600
600
600
850
900
-
793
917
300
470
600
600
600
850 1100 1610 1410 917
-
680
-
600
850
-
1100 1610 1690
-
-
1000
600
850
-
1100 1800 1610
-
-
-
1500
850
-
1100
-
1800
-
-
-
-
2200
-
1100
-
1800
-
-
-
-
-
3300
1100
-
1800 2060
-
-
-
-
-
4700
-
1800 2060
-
-
-
-
-
-
6800
1800 2060
-
-
-
-
-
-
-
Rated Voltage Range
6.3 ~ 100Vdc
Rated Capactance Range
3.3 ~ 6,800
µF
Operating Temperature Range
-55°C ~ +105°C
Capacitance Tolerance
±20%(M)
Maximum Leakage Current
after 2 minutes @ 20°C
0.01CV or 3
µA, whichever is greater
Maximum Tan
δ @ 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
80
100
S.V. (Vdc)
8.0
13
20
32
44
63
79
100
125
All Case Sizes
C
≤ 1,000µF
0.26
0.19
0.16
0.14
0.12
0.10
0.08
0.08
0.07
C = 2,200
µF
-
0.21
-
0.16
-----
C = 3,300
µF
0.30
-
0.20
0.18
-----
C = 4,700
µF
-
0.25
0.22
-
-
-
-
-
-
C = 6,800
µF
0.36
0.29
-
-
-
-
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z -25°C/Z +20°C
222222222
Z -40°C/Z +20°C
333333333
Z -55°C/Z +20°C
444333333
Load Life Test @ 105°C
4 ~ 10mm Dia. 2,000 Hours
12.5 ~ 18mm Dia. 5,000 Hours
Capacitance Change
Within ±30% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Frequency
60Hz
120Hz
1KHz
10KHz 100KHz
Correction
Factor
0.7
0.75
0.9
0.95
1.0
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
NACK rev. 1 05212007


Similar Part No. - NACK

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACK100M16V4x61TR13F NIC-NACK100M16V4x61TR13F Datasheet
202Kb / 6P
Surface Mount Aluminum Electrolytic Capacitors
NACK100M25V4x61TR13F NIC-NACK100M25V4x61TR13F Datasheet
202Kb / 6P
Surface Mount Aluminum Electrolytic Capacitors
NACK100M35V4x61TR13F NIC-NACK100M35V4x61TR13F Datasheet
202Kb / 6P
Surface Mount Aluminum Electrolytic Capacitors
NACK100M35V5x61TR13F NIC-NACK100M35V5x61TR13F Datasheet
202Kb / 6P
Surface Mount Aluminum Electrolytic Capacitors
NACK100M50V5x61TR13F NIC-NACK100M50V5x61TR13F Datasheet
202Kb / 6P
Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACK

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACVF NIC-NACVF_14 Datasheet
85Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NAWS NIC-NAWS Datasheet
97Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com