Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4448HTW Datasheet(PDF) 2 Page - Won-Top Electronics

Part # MMBD4448HTW
Description  SURFACE MOUNT FAST SWITCHING DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MMBD4448HTW Datasheet(HTML) 2 Page - Won-Top Electronics

  MMBD4448HTW Datasheet HTML 1Page - Won-Top Electronics MMBD4448HTW Datasheet HTML 2Page - Won-Top Electronics MMBD4448HTW Datasheet HTML 3Page - Won-Top Electronics MMBD4448HTW Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: May, 2014
Electrical Characteristics @TA=25°C unless otherwise specified
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
@ IR = 100µA
V(BR)
80
V
Forward Voltage Drop
@ IF = 5.0mA
@ IF = 10mA
@ IF = 100mA
@ IF = 150mA
VFM
0.72
0.855
1.0
1.25
V
Peak Reverse Leakage Current
@ VR = 70V, TJ = 25°C
@ VR = 25V, TJ = 150°C
@ VR = 75V, TJ = 150°C
IRM
0.1
30
50
µA
Diode Capacitance (VR = 6.0V, f = 1.0MHz)
CD
3.5
pF
Reverse Recovery Time (IF = IR = 5.0mA, VR = 6.0V, RL = 100Ω)
trr
4.0
nS
MMBD4448HTW
WON-TOP ELECTRONICS
®
0
TA, AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
15
30
45
60
75
90 105 120 135 150
0
50
100
150
200
250
0
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
0.2
0.4
0.6
0.8
1.0
0.1
1.0
10
100
VR, DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs. Reverse Voltage
0
0.5
1.0
1.5
2.0
2.5
0
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 4 Typical Reverse Characteristics
20
40
60
80
100
0.1
1.0
10
100
1000
10000
TA = 85°C
TA = 25°C
TA = -40°C
0
10
20
30
40
50
f = 1.0MHz
TA = 25°C
TA = 150°C
TA = 125°C
TA = 75°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com