Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TYN810RG Datasheet(PDF) 1 Page - STMicroelectronics

Part # TYN810RG
Description  10A SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN810RG Datasheet(HTML) 1 Page - STMicroelectronics

  TYN810RG Datasheet HTML 1Page - STMicroelectronics TYN810RG Datasheet HTML 2Page - STMicroelectronics TYN810RG Datasheet HTML 3Page - STMicroelectronics TYN810RG Datasheet HTML 4Page - STMicroelectronics TYN810RG Datasheet HTML 5Page - STMicroelectronics TYN810RG Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
Table 1: Main Features
DESCRIPTION
The TYNx10 Silicon Controlled Rectifiers is a high
performance glass passivated technology.
This general purpose Silicon Controlled Rectifiers
is designed for power supply up to 400Hz on resis-
tive or inductive load.
Symbol
Value
Unit
IT(RMS)
10
A
VDRM/VRRM
400, 600 and 800
V
IGT
15
mA
TYNx10 Series
10A SCR
REV. 2
February 2006
STANDARD
Table 2: Order Codes
Part Numbers
Marking
TYN410RG
TYN410
TYN610RG
TYN610
TYN810RG
TYN810
A
K
G
A
K
G
A
TO-220AB
Table 3: Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS) RMS on-state current (180° conduction angle)
Tc = 100°C
10
A
IT(AV)
Average on-state current (180° conduction angle)
Tc = 100°C
6.4
A
ITSM
Non repetitive surge peak on-state
current
tp = 8.3 ms
Tj = 25°C
105
A
tp = 10 ms
100
I²tI²t Value for fusing
tp = 10 ms
Tj = 25°C
50
A2S
dI/dt
Critical rate of rise of on-state current
IG = 100 mA , dIG/dt = 0.1 A/µs
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4A
PG(AV)
Average gate power dissipation
Tj = 125°C
1W
PGM
Maximum gate power
tp = 20 µs
Tj = 125°C
10
W
VDRM
VRRM
Repetitive peak off-state voltage
TYN410
Tj = 125°C
400
V
TYN610
600
TYN810
800
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
TL
Maximum lead temperature for soldering during 10s at 2mm from case
260
°C


Similar Part No. - TYN810RG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN810RG STMICROELECTRONICS-TYN810RG Datasheet
63Kb / 6P
10A SCR
13-Feb-2006
More results

Similar Description - TYN810RG

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5440 NTE-NTE5440 Datasheet
22Kb / 3P
Silicon Controlled Rectifier (SCR) 800V, 10A, Isolated Tab
logo
STMicroelectronics
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
SCR
Mar-1995
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
SCR
Mar-1995
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
SCR / SCR and SCR / DIODE
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
SCR
logo
STMicroelectronics
TYNX10 STMICROELECTRONICS-TYNX10 Datasheet
63Kb / 6P
10A SCR
13-Feb-2006
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
SCR/SCR and SCR/Diode
17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
SCR/SCR and SCR/Diode
17-Jul-14
logo
First Silicon Co., Ltd
TYN610 FS-TYN610 Datasheet
239Kb / 2P
Silicon Planar PNPN Thyristor (10A SCR)
TYN610F FS-TYN610F Datasheet
316Kb / 2P
Silicon Planar PNPN Thyristor (10A SCR)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com