Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA88C00-PDW48C-R Datasheet(PDF) 16 Page - InnovASIC, Inc

Part # IA88C00-PDW48C-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PDW48C-R Datasheet(HTML) 16 Page - InnovASIC, Inc

Back Button IA88C00-PDW48C-R Datasheet HTML 12Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 13Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 14Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 15Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 16Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 17Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 18Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 19Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 20Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 16 of 80
1.888.824.4184
1.
High order bit of the 4-bit address selects one of the two register pointers (0 selects RP0; 1 selects RP1).
2.
Live high order bits in the register pointer select an 8-register (contiguous) slice of the register space.
3.
Three low order bits of the 4-bit address select one of the eight registers in the slice.
The process results in linking together the five bits from the register pointer to the three bits from the
address to form an 8-bit address. The three bits from the address will always point to an address within
the same eight registers, as long as the address in the register pointer remains unchanged.
Changing the five high bits in control registers R214 for RP9 and R215 for RP1 allows the register
pointers to be moved.
Using full 8-bit addressing allows the working registers to be accessed. The lower nibble is used similarly
to the 4-bit addressing described above when an 8-bit logical address in the range 192 to 207 (C0 to CF)
is specified. This is shown in section b. of Figure 8.
Together They Create 8-Bit Register Address
Selects RP0
or RP1
RP0 (R214)
RP1 (R215)
Address
Opcode
Register Pointer Provides
Five High-Order Bits
4-Bit Address Provides Three Low-Order Bits
a. 4-Bit Addressing
Selects RP0
or RP1
RP0 (R214)
RP1 (R215)
Address
Register Pointer Provides
Five High-Order Bits
b. 8-Bit Addressing
8-Bit Physical Address
1
1
0
0
8-Bit
Logical
Address
Three Low-
Order Bits
Figure 8. Working Register Window
Physical registers 192 to 207 can be accessed only when selected by a register pointer. This is because
any direct access to logical addresses 192 to 207 involves the register pointers. After a reset, RP0 points
to R192 and RP1 points to R200.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com