Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA186EM-PQF100I-R Datasheet(PDF) 43 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 43 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 39Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 40Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 41Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 42Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 43Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 44Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 45Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 46Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 47Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
WD (bit 9) – Watchdog Timer Interrupt In-Service Request. Setting this bit to 1 is an indication that
the Watchdog Timer interrupt is masked.
I [4:0] (bits 8 - 4) Interrupt Mask. Setting any of these bits to 1 is an indication that the relevant
interrupt is masked.
D1-D0 (bit 3:2) DMA Channel Interrupt Mask. Setting this bit to 1 is an indication that the respective
DMA channel interrupt is masked.
Reserved (bit 1)
TMR (bit 0) – Timer Interrupt Mask. When set to 1, it indicates that the timer control unit interrupt is
masked.
Slave Mode
The interrupt mask register is read/write. Setting a bit in this register is effectively the same as setting the
MSK bit in the corresponding interrupt control register. Setting a bit to 1 masks the interrupt request. The
interrupt request is enabled when the corresponding bit is set to 0.
The IMASK register contains 003dh on reset.
15
14
13
12 11
10
9
8
7
6
5
4
3
2
1
0
Reserved
TMR2 TMR1 D1 D0 Res TMR0
Reserved (bits 15 – 6)
TMR2 (bit 5) Timer2 Interrupt Mask. This bit provides an indication of the state of the mask bit in
the Timer Interrupt Control register. When it is set to 1, it indicates that the interrupt request is
masked.
TMR1 (bit 4) Timer1 Interrupt Mask. This bit provides an indication of the state of the mask bit in
the Timer Interrupt Control register. When it is set to 1, it indicates that the interrupt request is
masked.
D1-D0 (bit 3:2) DMA Channel Interrupt Mask. This bit provides an indication of the state of the
mask bit in the respective DMA channel Interrupt Control register. When it is set to 1, it indicates that
the interrupt request is masked.
Reserved (bit 1)
TMR0 (bit 0) – Timer Interrupt Mask. This bit provides an indication of the state of the mask bit in
the Timer Interrupt Control register. When it is set to 1, it indicates that the interrupt request is
masked.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com