Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA186EM-PQF100I-R Datasheet(PDF) 129 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 129 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 125Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 126Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 127Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 128Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 129Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 130Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 131Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 132Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 133Page - InnovASIC, Inc  
Zoom Inzoom in Zoom Outzoom out
 129 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Errata
Version -01
1) Problem: MCS chip select signals (MCS0-3) are intermittently suppressed. All other signals in bus cycle
appear correct (i.e. address, data, write/read strobes).
Analysis: Anomaly occurs when an access to I/O space is immediately followed by an MCS access. Given the
way instruction prefetches naturally separate such accesses, one known scenario for this anomaly is via a DMA
sequence. Possible combinations are:
(1) DMA write to destination is followed by previously scheduled
MCS read or write,
(2) DMA from I/O space to MCS space.
Customers using the UART DMA feature of the ES products may be particularly sensitive to this,
because when the TX data register of the PCB is in I/O space, eventually an MCS access will be
corrupted.
Another known scenario occurs when auxiliary flash (containing executable code) is selected by an
MCS signal and the PCB or PCS selects are in I/O space.
The PCB register block and the PCS address spaces are the only areas that can be assigned to I/O
space. The PCB register block is configured by bit 12 of the RELREG, and defaults to I/O space.
PCS space is configured by bit 6 of the MPCS, and must be initialized by the user.
Workaround: If possible, assign PCB and PCS address locations to memory space instead of I/O space.
2) Problem: IA186ES devices do not work in a 188ES socket.
Analysis: The WHB pin should be sampled at reset to configure the bus width. This pin is always
grounded in 188 applications, and floats high during reset in 186 applications. The bus width of the
Innovasic devices are configured via in-package bonding.
Workaround: Use IA188ES devices for 188 sockets.
3) Problem: Noise on TMROUT0 (PIO10) and TMROUT1 (PIO1) when in PIO output mode.
Analysis: Only occurs when application is using HOLD/HLDA function, and either TMROUT pin is
in PIO output mode. Improper logic allows the TMROUT pin to tri-state when HLDA is asserted.
Analysis shows that UZI (PIO26), S6CLK2 (PIO29), DEN (PIO5), and DT_R (PIO4) may also be
affected. PIO input modes and normal operation modes are not affected.
Workaround: If possible, use a PIO pin other than those listed above when utilizing HOLD/HLDA feature. An
external pullup/pulldown may also help.
4) Problem: An extra DMA cycle occurs after ending DMA transfers via a DMA control register write. In certain
applications, this extra DMA cycle occurrence will hang the device because of DREQ/SRDY dependency.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com