Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM805RM6E Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM805RM6E
Description  3V Supervisor with Battery Switchover
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM805RM6E Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM805RM6E Datasheet HTML 19Page - STMicroelectronics STM805RM6E Datasheet HTML 20Page - STMicroelectronics STM805RM6E Datasheet HTML 21Page - STMicroelectronics STM805RM6E Datasheet HTML 22Page - STMicroelectronics STM805RM6E Datasheet HTML 23Page - STMicroelectronics STM805RM6E Datasheet HTML 24Page - STMicroelectronics STM805RM6E Datasheet HTML 25Page - STMicroelectronics STM805RM6E Datasheet HTML 26Page - STMicroelectronics STM805RM6E Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
23/32
STM690/704/795/802/804/805/806
DC AND AC PARAMETERS
This section summarizes the operating measure-
ment conditions, and the DC and AC characteris-
tics of the device. The parameters in the DC and
AC characteristics Tables that follow, are derived
from tests performed under the Measurement
Conditions summarized in Table 6, Operating and
AC Measurement Conditions. Designers should
check that the operating conditions in their circuit
match the operating conditions when relying on
the quoted parameters.
Table 6. Operating and AC Measurement Conditions
Figure 35. E to ECON Propagation Delay Test Circuit
Note: 1. CL includes load capacitance and scope probe capacitance.
Figure 36. AC Testing Input/Output Waveforms
Parameter
STM690/704/795/
802/804/805/806
Unit
VCC/VBAT Supply Voltage
1.0 to 5.5
V
Ambient Operating Temperature (TA)
–40 to 85
°C
Input Rise and Fall Times
≤ 5ns
Input Pulse Voltages
0.2 to 0.8VCC
V
Input and Output Timing Ref. Voltages
0.3 to 0.7VCC
V
AI08854
VBAT
ECON
VCC
VCC
3.6V
50pF CL
(1)
25
Ω Equivalent
Source Impedance
50
Ω Cable
50
Ω
50
Ω
STM690/704/
795/802/804/
805/806
GND
E
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com