Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA88C00-PLC68I-R Datasheet(PDF) 37 Page - InnovASIC, Inc

Part # IA88C00-PLC68I-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PLC68I-R Datasheet(HTML) 37 Page - InnovASIC, Inc

Back Button IA88C00-PLC68I-R Datasheet HTML 33Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 34Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 35Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 36Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 37Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 38Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 39Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 40Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 41Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 37 of 80
1.888.824.4184
Figure 34. Port 0 Mode Control Register (P0M), R240 Bank 0
Bit
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Initial Value
0
0
0
1
1
1
1
1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The Port 0 Mode register programs each bit of Port 0 as an address output (part of an external memory
interface) or as an I/O bit. When a bit of this register is 1, the corresponding bit of Port 0 is defined as an
address output. When 0, the corresponding bit of Port 0 is defined as an I/O bit. D0-D7 - P00-P07 Mode,
0 = I/O, 1 = Address.
Figure 35. Port Mode Register (pm), R241 Bank 0
Bit
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Initial Value
X
X
1
0
0
0
0
1
Read/Write
?
?
?
?
?
?
?
?
The Port Mode register provides some additional mode control for Ports 0 and 1.
D0 - Port 0 Direction - If this bit is a 1, all bits of Port 0 configured as I/O will be inputs. If this bit is a 0,
the I/O lines will be outputs.
D1 - Open-Drain Port 0 - If this bit is a 1, all bits of Port 0 configured as outputs will be open-drain
outputs. If 0, they will be push-pull outputs. This bit has no effect on those bits not configured as outputs.
D2 - Open-Drain Port 1 - If Port 1 is configured as an output port and this bit is a 1, all of the port will
be open-drain outputs. If this bit is a 0, they will be push-pull outputs. This bit has no effect if Port 1 is
not configured as an output port or A/D 0-7.
D3 - Enable /DM - If this bit is a 1, Port 35 is configured as Data Memory output line /DM.
D4-D5 - This field selects the configuration of Port 1 as an output port, input port, or address/data port as
part of the external memory interface.
Figure 36. Handshake 0 Control (H0C), R244 Bank 0
Bit
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Initial Value
X
X
X
X
X
0
X
0
Read/Write
W/O
W/O
W/O
W/O
W/O
W/O
W/O
W/O
This register controls Handshake Channel 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com