Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA188EM-PQF100I-R Datasheet(PDF) 63 Page - InnovASIC, Inc

Part # IA188EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R Datasheet(HTML) 63 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 59Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 60Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 61Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 62Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 63Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 64Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 65Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 66Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 67Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
hold – Bus Hold Request (synchronous level-sensitive input)
This pin is pulled high to signal the microcontroller that the system requires control of the local bus.
hold latency time (time between the hold and hlda) depends on the current processor activity when the
hold is received. A hold request is second only do a DMA refresh request in priority of processor activity
requests. If a hold request is received at the moment a DMA transfer starts, the hold latency can be up to
4 bus cycles. (On the IA186EM only, this happens when a word transfer is taking place from an odd to an
odd address). This means that the latency may be 16 clock cycles without wait states. Furthermore, if
lock transfers are being performed, then the latency time is increased by the during of the locked transfer.
int0 – Maskable Interrupt Request 0 (asynchronous input)
The int0 pin provides an indication that an interrupt request has occurred, and provided that int0 is not
masked, program execution will continue at the location specified by the INT0 vector in the interrupt
vector table. Although interrupt requests are asynchronous, they are synchronized internally and may be
edge- or level-triggered. The assertion of the interrupt request must be maintained until it is handled, to
ensure that it is recognized.
int1/select_n – Maskable Interrupt Request 1/Slave Select (both are asynchronous inputs)
int1 - The int1 pin provides an indication that an interrupt request has occurred, and provided that int1 is
not masked, program execution will continue at the location specified by the INT1 vector in the interrupt
vector table. Although interrupt requests are asynchronous, they are synchronized internally and may be
edge- or level-triggered. The assertion of the interrupt request must be maintained until it is handled, to
ensure that it is recognized.
select_n – This pin provides an indication to the microcontroller that an interrupt type has been placed on
the address/data bus when the internal Interrupt Control Unit is slaved to an external interrupt controller.
Before this occurs, however, the int0 pin must have indicated an interrupt request has occurred.
int2/inta0_n (pio31) – Maskable Interrupt Request 2 (asynchronous input) / Interrupt Acknowledge
0 (synchronous output)
int2 - The int2 pin provides an indication that an interrupt request has occurred, and provided that int2 is
not masked, program execution will continue at the location specified by the int2 vector in the interrupt
vector table. Although interrupt requests are asynchronous, they are synchronized internally and may be
edge- or level-triggered. The assertion of the interrupt request must be maintained until it is handled, to
ensure that it is recognized. When int0 is configured to be in cascade mode, int2 changes its function to
inta0_n.
inta0_n – this function indicates to the system that the microcontroller requires an interrupt type in
response to the interrupt request int0 when the microcontroller’s Interrupt Control Unit is in cascade
mode. The peripheral device that issued the interrupt must provide the interrupt type.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com