Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M223 Datasheet(PDF) 1 Page - Tyco Electronics

Part # M223
Description  Surface Mount Double-Balance Mixer, 10 KHz - 500 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M223 Datasheet(HTML) 1 Page - Tyco Electronics

  M223 Datasheet HTML 1Page - Tyco Electronics M223 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Double-Balanced Mixer,
10 - 500 MHz
MDS-223
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
1
SF-1
Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Frequency Range
RF, LO Ports
IF Port
10 - 500
DC - 500
MHz
MHz
—
—
—
Conversion Loss
5 - 150 MHz
150 - 500 MHz
dB
dB
—
—
—
—
7.0
9.0
LO to RF
5 - 150 MHz
150 - 500 MHz
dB
dB
40
35
—
—
—
—
LO to IF
5 - 150 MHz
150 - 500 MHz
dB
dB
35
25
—
—
—
—
RF to IF
5 - 150 MHz
150 - 500 MHz
dB
dB
25
20
—
—
—
—
DC Polarity
Negative
—
—
—
—
—
RF Input
1 dB Compression
1 dB Desensitization
—
—
dBm
dBm
—
—
+2.5
0
—
—
SSB Noise Figure
Within 1 dB of Conversion Loss
Max
—
—
—
—
—
Typical Two-Tone IM
Ratio
with a –10 dBm input, each input,
25 MHz and 35 MHz IF
100 - 350 MHz
350 - 500 MHz
dB
dB
—
—
55
40
—
—
Isolation
DC Offset
—
—
mV
—
<1
—
1. All specifications apply when operated at +7 dBm available LO power with 50 ohm source and load impedance.
Features
•
Fully Hermetic Package
•
Low Cost
•
Conversion Loss: 7 dB Typical Midband
•
Impedance: 50 Ohms Nominal
•
Maximum Input Power: 400 mW Max, Derated to
85°C @ 3.2 mW/°C
•
X Port Current: 50 mA Max.
•
MIL-STD-883 Screening Available
Description
Transformers convert the LO and RF paths to
balanced lines connecting to a medium barrier,
Schottky diode ring quad. These transformers help
provide
excellent
isolation
between
ports.
Conversion loss is low. The direct connection of the
IF port to the diode quad allows these mixers to be
used as phase detectors and bi-phase modulators.


Similar Part No. - M223

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M223FAN MTRONPTI-M223FAN Datasheet
283Kb / 2P
5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M223FAN MTRONPTI-M223FAN Datasheet
456Kb / 2P
5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M223FCN MTRONPTI-M223FCN Datasheet
283Kb / 2P
5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M223FCN MTRONPTI-M223FCN Datasheet
456Kb / 2P
5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M223FGN MTRONPTI-M223FGN Datasheet
283Kb / 2P
5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
More results

Similar Description - M223

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-222 MACOM-DS-222 Datasheet
199Kb / 2P
Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
MD-108 MACOM-MD-108 Datasheet
200Kb / 2P
Double-Balanced Mixer, 5 - 500 MHz
MD-124 MACOM-MD-124 Datasheet
192Kb / 2P
Double-Balanced Mixer, 500 KHz - 500 MHz
MD20-0016-S MACOM-MD20-0016-S Datasheet
21Kb / 1P
Double Balanced Mixer 0.5 - 500 MHz
M222 MACOM-M222 Datasheet
120Kb / 2P
Surface Mount Double-Balance Mixer, 200 KHz - 200 MHz
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
Double-Balanced Mixer, 5 - 500 MHz
MDS-222 MA-COM-MDS-222 Datasheet
64Kb / 2P
Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
MDS-223 MA-COM-MDS-223 Datasheet
66Kb / 2P
Surface Mount Double-Balanced Mixer, 10 - 500 MHz
logo
American Accurate Compo...
DBM2109 AAC-DBM2109 Datasheet
129Kb / 2P
RF Mixer Double Balance SMD
logo
BOWEI Integrated Circui...
MDB-01 BOWEI-MDB-01 Datasheet
130Kb / 1P
Broadband Double-balance Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com