Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAA2000G Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAA2000G
Description  GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAA2000G Datasheet(HTML) 3 Page - Tyco Electronics

  MAAA2000G Datasheet HTML 1Page - Tyco Electronics MAAA2000G Datasheet HTML 2Page - Tyco Electronics MAAA2000G Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GaAs MMIC Voltage Variable Absorptive Attenuator
DC - 12 GHz
MAAA2000G
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
3
RoHS
Compliant
Handling Procedures
Permanent damage to the MAAA2000G may occur if the
following precautions are not adhered to:
A.
Cleanliness - The MAAA2000G should be handled in
a clean environment.
DO NOT attempt to clean
assembly after the MAAA2000G is installed.
B.
Static Sensitivity - All die handling equipment and
personnel should be DC grounded.
C.
Transients - Avoid instrument and power supply
transients
while
bias
is
connected
to
the
MAAA2000G. Use shielded signal and bias cables
to minimize inductive pick-up.
D.
Bias - Apply voltage to either control port A1/B2 or
A2/B1 only when the other is grounded. Neither port
should be allowed to “float”.
E.
General Handling - It is recommended that the
MAAA2000G chip be handled along the long side of
the die with a sharp pair of bend tweezers. DO NOT
touch the surface of the chip with fingers or
tweezers.
Mounting
The MAAA2000G is back-metallized with Pd/Ni/Au
(100/1,000/10,000Å) metallization. It can be die-mounted
using Au/Sn eutectic preforms or a thermally conductive
epoxy. The package surface should be clean and flat
before attachment.
Eutectic Die Attach:
A.
An 80/20 Au/Sn preform is recommended with a
work surface temperature of approximately 255°C
and a tool temperature of 265°C.
When hot 90/5
nitrogen/hydrogen gas is applied, solder temperature
should be approximately 290°C.
B.
DO NOT expose the MAAA2000G to a temperature
greater than 320°C for more than 20 seconds. No
more than 3 seconds of scrubbing should be
required for attachment.
Epoxy Die Attach:
A.
Apply a minimum amount of epoxy and place the
MAAA2000G into position. A thin epoxy fillet should
be visible around the perimeter of the die.
B.
Cure
epoxy
per
manufacturer’s
recommended
schedule.
C.
Electrically conductive epoxy is recommended but is
not required.
Bonding
A.
Ball or wedge bond with 1.0 mil diameter pure gold
wire. Thermosonic bonding with a nominal stage
temperature of 150°C and a ball bonding force of 40
to 50 grams or wedge bonding force of 18 to 22
grams is recommended. Ultrasonic energy and time
should be adjusted to the minimum levels necessary
to achieve reliable wirebonds.
B. Wirebonds should be started on the chip and termi-
nated on the package. GND bonds should be as
short as possible; at least three and no more than
four bond wires from ground pads to package are
recommended.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com