Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAMSS0041 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAMSS0041
Description  Broadband CATV Amplifier 50 - 1000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0041 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAMSS0041 Datasheet HTML 1Page - Tyco Electronics MAAMSS0041 Datasheet HTML 2Page - Tyco Electronics MAAMSS0041 Datasheet HTML 3Page - Tyco Electronics MAAMSS0041 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Broadband CATV Amplifier
50 - 1000 MHz
MAAMSS0041
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
M/A-COM makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose, nor does
M/A-COM assume any liability whatsoever arising out of the use.
or application of any product(s) or information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
1
V2
RoHS
Compliant
Functional Schematic
Features
• 75 Ohm Input / Output Match
• CTB: -80 dBc
• Noise Figure: 2.7 dB
• Gain: 14.8 dB
• Lead Free SOT-89 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS Compliant and 260°C Re-flow Compatible
• Lead Free Version of MAAMSS0031
Description
M/A-COM’s MAAMSS0041 CATV amplifier is a
GaAs MMIC which exhibits low distortion in a
lead-free surface mount plastic package.
The
MAAMSS0041 employs a monolithic single stage
design featuring a convenient 75 ohm input/output
impedance that minimizes the number of external
components required.
The MAAMSS0041 provides low noise and high
linearity. It is ideally suited for set top boxes, home
gateways, and other broadband internet based
appliances.
The MAAMSS0041 is fabricated using M/A-COM’s
PHEMT process to realize low noise and low
distortion. The process features full passivation for
robust performance and reliability.
Pin Configuration
Pin No.
Pin Name
Description
1
RFIN
RF Input
2
GND
Ground
3
RFOUT
RF Output / Drain Supply
Ordering Information
1
Part Number
Package
MAAMSS0041
Lead Free SOT-89 Plastic
Package
MAAMSS0041TR-3000
3000 Piece Tape and Reel
MAAMSS0041SMB
Sample Test Board
(Includes 5 Samples)
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
RF Input Power
15 dBm
Voltage
10.0 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
1. Reference Application Note M513 for reel size information.
Pin 1


Similar Part No. - MAAMSS0041

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAMSS0041 MA-COM-MAAMSS0041 Datasheet
169Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0041 MA-COM-MAAMSS0041 Datasheet
169Kb / 4P
Broadband CATV Amplifier
MAAMSS0041 MA-COM-MAAMSS0041 Datasheet
892Kb / 5P
Broadband CATV Amplifier
MAAMSS0041SMB MA-COM-MAAMSS0041SMB Datasheet
169Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0041SMB MA-COM-MAAMSS0041SMB Datasheet
892Kb / 5P
Broadband CATV Amplifier
More results

Similar Description - MAAMSS0041

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0031 MACOM-MAAMSS0031 Datasheet
273Kb / 6P
Broadband CATV Amplifier, 50 - 1000 MHz
MAAMSS0042 MACOM-MAAMSS0042 Datasheet
157Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0060 MACOM-MAAMSS0060 Datasheet
183Kb / 6P
Broadband CATV Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0003 MA-COM-MAAMSS0003 Datasheet
93Kb / 4P
Low Noise CATV Amplifier 50 - 1000 MHz
MAAMSS0031 MA-COM-MAAMSS0031 Datasheet
168Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0041 MA-COM-MAAMSS0041 Datasheet
169Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0042 MA-COM-MAAMSS0042 Datasheet
158Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
188Kb / 6P
Broadband CATV Amplifier 50 - 1000 MHz
MAAM-007807 MA-COM-MAAM-007807 Datasheet
163Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAM-009100 MA-COM-MAAM-009100 Datasheet
164Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com