Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABACT0022 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABACT0022
Description  1:1 RF Flux Coupled Transformer 5 - 50 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0022 Datasheet(HTML) 1 Page - Tyco Electronics

  MABACT0022 Datasheet HTML 1Page - Tyco Electronics MABACT0022 Datasheet HTML 2Page - Tyco Electronics MABACT0022 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Frequency Range 5 - 50 MHz
Test Conditions Nominal
Units Min.
Typ.
Max.
Insertion Loss
(Above 3dB)
5 - 50 MHz
—
dB
—
0.3
0.5
Amplitude Unbalance
5 - 50 MHz
—
dB
—
0.04
0.10
Phase Unbalance
5 - 50 MHz
—
°
—
0.3°
2.0°
Input Return Loss
5 - 50 MHz
—
dB
20
25
—
Features
• Surface Mount
• 1:1 Impedance
• Available on Tape & Reel
Description
M/A-COM’s MABACT0022 is a 1:1 RF flux
coupled transformer in a low cost, surface
mount package. The windings of the
MABACT0022 are welded to the package
substrate for improved reliability and reduced
lead content. This Transformer is ideally suited
for CATV and Satellite STB/Subscriber
applications.
Electrical Specifications @ 25
°C, Z
0 = 75 Ohms
1:1 RF Flux Coupled Transformer
5 – 50 MHz
Note: Specifications subject to change without notice.
SM-138 Package
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010


Similar Part No. - MABACT0022

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0022 MA-COM-MABACT0022 Datasheet
61Kb / 3P
1:1 RF Flux Coupled Transformer 5-50 MHz
More results

Similar Description - MABACT0022

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007532-CF18A0 MACOM-MABA-007532-CF18A0 Datasheet
77Kb / 3P
1:1 Flux Coupled Transformer 5-50 MHz
MABA-007819-CF48A0 MACOM-MABA-007819-CF48A0 Datasheet
70Kb / 3P
4:1 RF Flux Coupled Transformer 5-200MHz
ETC1-1T-13 MACOM-ETC1-1T-13 Datasheet
78Kb / 3P
RF 1:1 Flux Coupled Transformer 5.0 - 120 MHz
logo
M/A-COM Technology Solu...
MABACT0022 MA-COM-MABACT0022 Datasheet
61Kb / 3P
1:1 RF Flux Coupled Transformer 5-50 MHz
MABA-007532-CF18A0 MA-COM-MABA-007532-CF18A0 Datasheet
96Kb / 3P
Transformer, 1:1 Flux Coupled Transformer 5 to 200 MHz
MABA-008124-CF1FA0 MA-COM-MABA-008124-CF1FA0 Datasheet
91Kb / 3P
1:1 Flux Coupled Transformer 5 - 100 MHz
MABA-008965-CF1160 MA-COM-MABA-008965-CF1160 Datasheet
97Kb / 3P
1:1 Flux Coupled Balun Transformer 5 - 120 MHz
MABA-009005-CF1A40 MA-COM-MABA-009005-CF1A40 Datasheet
94Kb / 3P
1:1 Flux Coupled Balun Transformer 5 - 120 MHz
MABA-009109-CF1A40 MA-COM-MABA-009109-CF1A40 Datasheet
94Kb / 3P
1:1 Flux Coupled Balun Transformer 5 - 120 MHz
MABA-009852-CF1A40 MA-COM-MABA-009852-CF1A40 Datasheet
776Kb / 8P
1:1 Flux Coupled Balun Transformer 5 - 300 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com