Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHT11N06 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHT11N06
Description  TrenchMOS transistor Logic level FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT11N06 Datasheet(HTML) 1 Page - NXP Semiconductors

  PHT11N06 Datasheet HTML 1Page - NXP Semiconductors PHT11N06 Datasheet HTML 2Page - NXP Semiconductors PHT11N06 Datasheet HTML 3Page - NXP Semiconductors PHT11N06 Datasheet HTML 4Page - NXP Semiconductors PHT11N06 Datasheet HTML 5Page - NXP Semiconductors PHT11N06 Datasheet HTML 6Page - NXP Semiconductors PHT11N06 Datasheet HTML 7Page - NXP Semiconductors PHT11N06 Datasheet HTML 8Page - NXP Semiconductors PHT11N06 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
PHT11N06LT
Logic level FET
GENERAL DESCRIPTION
QUICK REFERENCE DATA
N-channel enhancement mode
SYMBOL
PARAMETER
MAX.
UNIT
logic level field-effect power
transistor in a plastic envelope
V
DS
Drain-source voltage
55
V
suitable for surface mounting.
I
D
Drain current (DC) T
sp = 25 ˚C
10.7
A
The device features very low
Drain current (DC) T
amb = 25 ˚C
4.9
A
on-state resistance and has
P
tot
Total power dissipation
8.3
W
integral zener diodes giving
T
j
Junction temperature
150
˚C
ESD protection. It is intended for
R
DS(ON)
Drain-source on-state
40
m
Ω
use in DC-DC converters and
resistance
V
GS = 5 V
general
purpose
switching
applications.
PINNING - SOT223
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
drain
3
source
4
drain (tab)
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
-
55
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-55
V
±V
GS
Gate-source voltage
-
-
13
V
I
D
Drain current (DC)
T
sp = 25 ˚C
-
10.7
A
T
amb = 25 ˚C
-
4.9
A
I
D
Drain current (DC)
T
sp = 100 ˚C
-
7.5
A
T
amb = 100 ˚C
-
3.4
A
I
DM
Drain current (pulse peak value)
T
sp = 25 ˚C
-
42
A
T
amb = 25 ˚C
-
19
A
P
tot
Total power dissipation
T
sp = 25 ˚C
-
8.3
W
T
amb = 25 ˚C
-
1.8
W
T
stg, Tj
Storage & operating temperature
-
- 55
150
˚C
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor
Human body model
-
2
kV
voltage
(100 pF, 1.5 k
Ω)
d
g
s
4
1
23
January 1998
1
Rev 1.100


Similar Part No. - PHT11N06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHT11N06 PHILIPS-PHT11N06 Datasheet
75Kb / 10P
TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHT11N06T PHILIPS-PHT11N06T Datasheet
75Kb / 10P
TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
More results

Similar Description - PHT11N06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9514-55 PHILIPS-BUK9514-55 Datasheet
53Kb / 8P
TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9520-55 PHILIPS-BUK9520-55 Datasheet
63Kb / 8P
TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9524-55 PHILIPS-BUK9524-55 Datasheet
63Kb / 8P
TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9528-55 PHILIPS-BUK9528-55 Datasheet
64Kb / 8P
TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9606-30 PHILIPS-BUK9606-30 Datasheet
51Kb / 8P
TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
PHB11N06LT PHILIPS-PHB11N06LT Datasheet
76Kb / 9P
TrenchMOS transistor Logic level FET
September 1998 Rev 1.000
PHN1011 PHILIPS-PHN1011 Datasheet
115Kb / 7P
TrenchMOS transistor Logic level FET
June 1999 Rev 1.100
PHP37N06LT PHILIPS-PHP37N06LT Datasheet
79Kb / 10P
TrenchMOS transistor Logic level FET
September 1998 Rev 1.400
PHB21N06LT PHILIPS-PHB21N06LT Datasheet
82Kb / 10P
TrenchMOS transistor Logic level FET
September 1998-Rev 1.400
BUK9516_9616-55A PHILIPS-BUK9516_9616-55A_15 Datasheet
108Kb / 9P
TrenchMOS transistor Logic level FET
May 2000 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com