Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB20CTPBF Datasheet(PDF) 1 Page - International Rectifier

Part # MBRB20CTPBF
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB20CTPBF Datasheet(HTML) 1 Page - International Rectifier

  MBRB20CTPBF Datasheet HTML 1Page - International Rectifier MBRB20CTPBF Datasheet HTML 2Page - International Rectifier MBRB20CTPBF Datasheet HTML 3Page - International Rectifier MBRB20CTPBF Datasheet HTML 4Page - International Rectifier MBRB20CTPBF Datasheet HTML 5Page - International Rectifier MBRB20CTPBF Datasheet HTML 6Page - International Rectifier MBRB20CTPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Major Ratings and Characteristics
I
F(AV) Rectangular waveform
20
A
(Per Device)
I
FRM
@T
C =133°C
20
A
(PerLeg)
V
RRM
80/90/100
V
I
FSM @ tp = 5 μs sine
850
A
V
F
@ 10Apk,T
J = 125°C
0.70
V
T
J
range
- 65 to 150
°C
Characteristics
Values
Units
Description/ Features
This center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150° C junction
temperature. Typical applications are in switching power
supplies, converters, free-wheeling diodes, and reverse bat-
tery protection.
150° C T
J operation
Center tap TO-220, D2Pak and TO-262 packages
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
www.irf.com
SCHOTTKY RECTIFIER
20 Amp
Bulletin PD-21019 rev. C 01/07
MBRB20...CTPbF
MBR20...CT-1PbF
IF(AV) = 20Amp
VR = 80/ 100V
Case Styles
D2PAK
MBRB20...CTPbF
MBR20...CT-1PbF
TO-262
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode


Similar Part No. - MBRB20CTPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB20CTPBF VISHAY-MBRB20CTPBF Datasheet
125Kb / 6P
Schottky Rectifier, 2 x 10 A
09-Sep-09
More results

Similar Description - MBRB20CTPBF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com