Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHT6N03LT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PHT6N03LT
Description  TrenchMOS transistor Logic level FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT6N03LT Datasheet(HTML) 5 Page - NXP Semiconductors

  PHT6N03LT Datasheet HTML 1Page - NXP Semiconductors PHT6N03LT Datasheet HTML 2Page - NXP Semiconductors PHT6N03LT Datasheet HTML 3Page - NXP Semiconductors PHT6N03LT Datasheet HTML 4Page - NXP Semiconductors PHT6N03LT Datasheet HTML 5Page - NXP Semiconductors PHT6N03LT Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
PHT6N03LT
Logic level FET
Fig.11. Sub-threshold drain current.
I
D = f(VGS); conditions: Tj = 25 ˚C; VDS = VGS
Fig.12. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VGS = 0 V; f = 1 MHz
Fig.13. Typical turn-on gate-charge characteristics.
V
GS = f(QG); conditions: ID = 5.9 A; parameter VDS
Fig.14. Typical reverse diode current.
I
F = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.15. Normalised avalanche energy rating.
W
DSS% = f(Tamb); conditions: ID = 5.9 A
Fig.16. Avalanche energy test circuit.
0
0.5
1
1.5
2
2.5
3
1E-05
1E-05
1E-04
1E-03
1E-02
1E-01
Sub-Threshold Conduction
2%
typ
98%
0
0.5
1
1.5
2
0
10
20
30
40
50
60
9830-30
VSDS / V
IF / A
Tj / C = 150
25
0.1
1
10
100
100
1000
10000
9528-30
VDS / V
C / pF
Ciss
Coss
Crss
20
40
60
80
100
120
140
120
110
100
90
80
70
60
50
40
30
20
10
0
WDSS%
Ambient temperature, Tamb (C)
0
5
10
15
20
25
0
1
2
3
4
5
9830-30
QG / nC
VGS / V
VDS / V = 6
24
L
T.U.T.
VDD
RGS
R 01
VDS
-ID/100
+
-
shunt
VGS
0
W
DSS = 0.5 ⋅ LID
2
⋅ BV
DSS/(BVDSS − VDD)
January 1998
5
Rev 1.300



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com