| Electronic Components Datasheet Search |
|
M68HC08 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC08 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc |
|
13 / 124 page ![]() MC68HC05C9A Advance Information Data Sheet, Rev. 5.1 Freescale Semiconductor 13 Chapter 1 General Description 1.1 Introduction The MC68HC05C9A HCMOS (high-density complementary metal-oxide semiconductor) microcontroller is a member of the M68HC05 Family. The MC68HC05C9A memory map consists of 15,936 bytes of user ROM and 352 bytes of RAM. The MC68HC05C9A includes a serial communications interface, a serial peripheral interface, and a 16-bit capture/compare timer. 1.2 Features Features of the MC68HC05C9A include: • M68HC05 CPU • Mask programmable interrupt capability on port B • Software programmable external interrupt sensitivity • 15,936 bytes of read-only memory (ROM) • 352 bytes of random-access memory (RAM) • Memory mapped input/output (I/O) • 31 bidirectional I/O lines with high current sink and source on PC7 • Asynchronous serial communications interface (SCI) • Synchronous serial peripheral interface (SPI) • 16-Bit capture/compare timer • Computer operating properly (COP) watchdog timer and clock monitor • Power-saving wait and stop modes • On-chip crystal oscillator connections • Single 3.0 volts to 5.5 volts power supply requirement • ROM contents security(1) feature • Available packages: – 40-pin dual in-line (DIP) – 44-pin plastic leaded chip carrier (PLCC) – 44-pin quad flat pack (QFP) – 42-pin plastic shrink dual in-line (SDIP) packages 1.3 Mask Options Eight mask options are available to select external interrupt capability (including an internal pullup device) on each of the port B pins. 1. No security feature is absolutely secure. However, Freescale’s strategy is to make reading or copying the ROM difficult for unauthorized users. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |