Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6201P302TLG Datasheet(PDF) 5 Page - Minilogic Device Corporation Limited

Part # ML6201P302TLG
Description  Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6201P302TLG Datasheet(HTML) 5 Page - Minilogic Device Corporation Limited

  ML6201P302TLG Datasheet HTML 1Page - Minilogic Device Corporation Limited ML6201P302TLG Datasheet HTML 2Page - Minilogic Device Corporation Limited ML6201P302TLG Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6201P302TLG Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6201P302TLG Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6201P302TLG Datasheet HTML 6Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P5/6
Rev. A, June 2005
ML6201
Input Voltage
VIN(V)
Conditions
TYP. MAX.
Conditions
TYP. MAX.
Conditions
TYP. MAX.
MAX.
ML6201P113
ML6201P123
ML6201P133
ML6201P143
ML6201P153
ML6201P163
ML6201P173
ML6201P183
ML6201P193
ML6201P202
ML6201P212
ML6201P222
ML6201P232
ML6201P242
ML6201P252
ML6201P262
ML6201P272
ML6201P282
ML6201P292
ML6201P302
ML6201P312
ML6201P322
ML6201P332
ML6201P342
ML6201P352
ML6201P362
ML6201P372
ML6201P382
ML6201P392
ML6201P402
ML6201P412
ML6201P422
ML6201P432
ML6201P442
ML6201P452
ML6201P462
ML6201P472
ML6201P482
ML6201P492
ML6201P502
ML6201P512
ML6201P522
ML6201P532
ML6201P542
ML6201P552
ML6201P562
ML6201P572
ML6201P582
ML6201P592
ML6201P602
380
750
4.5
850
10
VIN=VOUT(T)+1V
2.8
3.0
3.3
Input Stability
∆
∆
∆
∆ VOUT/(∆
∆
∆
∆ VIN*VOUT) (%V)
0.2
0.3
IOUT=40mA
VOUT(T)+1V<VIN<10V
0.2
0.4
Supply Current
2.5
4.5
2.0
4.5
4.5
4.5
I-O Voltage Differential
Vdif2(mV)
IOUT=100mA
400
850
IOUT=200mA
ISS(uA)
IOUT=180mA
Part Number
IOUT=40mA
450
850
IOUT=80mA
450
850
400
750
IOUT=150mA
400
850
IOUT=60mA
450



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com