Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93AA76AE/ST Datasheet(PDF) 4 Page - Microchip Technology

Part # 93AA76AE/ST
Description  8K Microwire Compatible Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA76AE/ST Datasheet(HTML) 4 Page - Microchip Technology

  93AA76AE/ST Datasheet HTML 1Page - Microchip Technology 93AA76AE/ST Datasheet HTML 2Page - Microchip Technology 93AA76AE/ST Datasheet HTML 3Page - Microchip Technology 93AA76AE/ST Datasheet HTML 4Page - Microchip Technology 93AA76AE/ST Datasheet HTML 5Page - Microchip Technology 93AA76AE/ST Datasheet HTML 6Page - Microchip Technology 93AA76AE/ST Datasheet HTML 7Page - Microchip Technology 93AA76AE/ST Datasheet HTML 8Page - Microchip Technology 93AA76AE/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C
DS21796D-page 4
 2004 Microchip Technology Inc.
FIGURE 1-1:
SYNCHRONOUS DATA TIMING
TABLE 1-3:
INSTRUCTION SET FOR X 16 ORGANIZATION (93XX76B OR 93XX76C WITH ORG = 1)
TABLE 1-4:
INSTRUCTION SET FOR X 8 ORGANIZATION (93XX76A OR 93XX76C WITH ORG = 0)
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK
Cycles
READ
1
10
X
A8 A7 A6 A5 A4 A3 A2 A1 A0
—
D15 – D0
29
EWEN
1
00
1
1
X
XX
XX
XX
X
—
HIGH-Z
13
ERASE
1
11
X
A8 A7 A6 A5 A4 A3 A2 A1 A0
—
(RDY/BSY)13
ERAL
1
00
1
0
X
XX
XX
XX
X
—
(RDY/BSY)13
WRITE
1
01
X
A8 A7 A6 A5 A4 A3 A2 A1 A0 D15 – D0
(RDY/BSY)29
WRAL
1
00
0
1
X
XX
XX
XX
X
D15 – D0
(RDY/BSY)29
EWDS
1
00
0
0
X
XX
XX
XX
X
—
HIGH-Z
13
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK
Cycles
READ
1
10
X
A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
—
D7 – D0
22
EWEN
1
00
1
1
X
X
X
X
XXXXX
—
HIGH-Z
14
ERASE
1
11
X
A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
—
(RDY/BSY)14
ERAL
1
00
1
0
X
X
X
X
XXXXX
—
(RDY/BSY)14
WRITE
1
01
X
A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
D7 – D0
(RDY/BSY)22
WRAL
1
00
0
1
X
X
X
X
XXXXX
D7 – D0
(RDY/BSY)22
EWDS
1
00
0
0
X
X
X
X
XXXXX
—
HIGH-Z
14
CS
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
VOH
VOL
CLK
DI
DO
(READ)
DO
(PROGRAM)
TCSS
TDIS
TCKH
TCKL
TDIH
TPD
TCSH
TPD
TCZ
STATUS VALID
TSV
TCZ
Note:
TSV is relative to CS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com