Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9991KCPRL Datasheet(PDF) 1 Page - Analog Devices

Part # AD9991KCPRL
Description  10-Bit CCD Signal Processor with Precision Timing ??Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9991KCPRL Datasheet(HTML) 1 Page - Analog Devices

  AD9991KCPRL Datasheet HTML 1Page - Analog Devices AD9991KCPRL Datasheet HTML 2Page - Analog Devices AD9991KCPRL Datasheet HTML 3Page - Analog Devices AD9991KCPRL Datasheet HTML 4Page - Analog Devices AD9991KCPRL Datasheet HTML 5Page - Analog Devices AD9991KCPRL Datasheet HTML 6Page - Analog Devices AD9991KCPRL Datasheet HTML 7Page - Analog Devices AD9991KCPRL Datasheet HTML 8Page - Analog Devices AD9991KCPRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
that may result from its use. No license is granted by implication or oth-
erwise under any patent or patent rights of Analog Devices. Trademarks
and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD9991
10-Bit CCD Signal Processor with
Precision Timing ™ Generator
FEATURES
6-Phase Vertical Transfer Clock Support
Correlated Double Sampler (CDS)
6 dB to 42 dB 10-Bit Variable Gain Amplifier (VGA)
10-Bit 27 MHz A/D Converter
Black Level Clamp with Variable Level Control
Complete On-Chip Timing Generator
Precision Timing Core with 800 ps Resolution
On-Chip 3 V Horizontal and RG Drivers
2-Phase and 4-Phase H-Clock Modes
Electronic and Mechanical Shutter Modes
On-Chip Driver for External Crystal
On-Chip Sync Generator with External Sync Input
56-Lead LFCSP Package
APPLICATIONS
Digital Still Cameras
Digital Video Camcorders
Industrial Imaging
GENERAL DESCRIPTION
The AD9991 is a highly integrated CCD signal processor for
digital still camera and camcorder applications. It includes a
complete analog front end with A/D conversion, combined with a
full-function programmable timing generator. The timing genera-
tor is capable of supporting both 4- and 6-phase vertical clocking.
A Precision Timing core allows adjustment of high speed clocks
with 800 ps resolution at 27 MHz operation.
The AD9991 is specified at pixel rates of up to 27 MHz. The
analog front end includes black level clamping, CDS, VGA,
and a 10-bit A/D converter. The timing generator provides all
the necessary CCD clocks: RG, H-clocks, V-clocks, sensor gate
pulses, substrate clock, and substrate bias control. Operation is
programmed using a 3-wire serial interface.
Packaged in a space-saving 56-lead LFCSP, the AD9991 is speci-
fied over an operating temperature range of –20°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
AD9991
CDS
VGA
CLAMP
10-BIT
ADC
10
DCLK
MSHUT
STROBE
CLO
CLI
DOUT
VREF
6dB TO 42dB
HORIZONTAL
DRIVERS
V-H
CONTROL
4
6
5
RG
H1–H4
V1–V6
VSG1–VSG5
VRT
VRB
PRECISION
TIMING
GENERATOR
SYNC
GENERATOR
INTERNAL CLOCKS
VSUB SUBCK
HD
VD
SYNC
INTERNAL
REGISTERS
SL SCK DATA
CCDIN
REV. 0


Similar Part No. - AD9991KCPRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9991 AD-AD9991 Datasheet
836Kb / 60P
10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
More results

Similar Description - AD9991KCPRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9929 AD-AD9929 Datasheet
558Kb / 64P
CCD Signal Processor with Precision Timing Generator
2/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9992 AD-AD9992 Datasheet
775Kb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
10/07-Rev. B to Rev. C
AD9970 AD-AD9970 Datasheet
66Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
AD9898 AD-AD9898 Datasheet
518Kb / 52P
CCD Signal Processor with Precision Timing??Generator
REV.0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
CCD Signal Processor with Precision Timing??Generator
REV.0
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
CCD Signal Processor with Precision Timing Generator
REV. A
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com