Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9865-EB Datasheet(PDF) 22 Page - Analog Devices

Part # AD9865-EB
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865-EB Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9865-EB Datasheet HTML 18Page - Analog Devices AD9865-EB Datasheet HTML 19Page - Analog Devices AD9865-EB Datasheet HTML 20Page - Analog Devices AD9865-EB Datasheet HTML 21Page - Analog Devices AD9865-EB Datasheet HTML 22Page - Analog Devices AD9865-EB Datasheet HTML 23Page - Analog Devices AD9865-EB Datasheet HTML 24Page - Analog Devices AD9865-EB Datasheet HTML 25Page - Analog Devices AD9865-EB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
AD9865
Rev. A | Page 22 of 48
SCLK
SDATA
SCLK
SDATA
R/W N1
A1
A2
A3
A4
A0
N2
D71 D61
D1N D0N
R/W
N1
A1
A2
A3
A4
A0
N2
D01 D11
D7N
D6N
DATA TRANSFER CYCLE
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
INSTRUCTION CYCLE
SEN
SEN
Figure 45. SPI Timing, MSB First (Upper), and LSB First (Lower)
When the SPI LSB first bit is set high, the serial port interprets
both instruction and data bytes LSB first. Multibyte data trans-
fers in LSB format can be completed by writing an instruction
byte that includes the register address of the first address to be
accessed. The AD9865 automatically increments the address for
each successive byte required for the multibyte communication
cycle.
Figure 46 illustrates the timing requirements for a write opera-
tion to the SPI port. After the serial port enable (SEN) signal
goes low, data (SDIO) pertaining to the instruction header is
read on the rising edges of the clock (SCLK). To initiate a write
operation, the read/not-write bit is set low. After the instruction
header is read, the eight data bits pertaining to the specified
register are shifted into the SDIO pin on the rising edge of the
next eight clock cycles. If a multibyte communication cycle is
specified, the destination address is decremented (MSB first)
and shifts in another eight bits of data. This process repeats until
all the bytes specified in the instruction header (N1, N0 bits) are
shifted into the SDIO pin. SEN must remain low during the data
transfer operation, only going high after the last bit is shifted
into the SDIO pin.
D7
D6
A0
D1
SEN
N1
N0
tS
SCLK
SDIO
1/
fSCLK
tLOW
tHI
tDS
tDH
R/W
D0
tH
Figure 46. SPI Write Operation Timing
Figure 47 illustrates the timing for a 3-wire read operation to
the SPI port. After SEN goes low, data (SDIO) pertaining to the
instruction header is read on the rising edges of SCLK. A read
operation occurs, if the read/not-write indicator is set high.
After the address bits of the instruction header are read, the
eight data bits pertaining to the specified register are shifted out
of the SDIO pin on the falling edges of the next eight clock cycles.
If a multibyte communication cycle is specified in the instruction
header, a similar process as previously described for a multibyte
SPI write operation applies. The SDO pin remains three-stated
in a 3-wire read operation.
D7
D6
A0
D1
SEN
N1
tS
SCLK
SDIO
1/
fSCLK
tLOW
tHI
tDS
tDH
R/W
D0
tEZ
A2
A1
tDV
Figure 47. SPI 3-Wire Read Operation Timing
Figure 48 illustrates the timing for a 4-wire read operation to
the SPI port. The timing is similar to the 3-wire read operation
with the exception that data appears at the SDO pin, while the
SDIO pin remains high impedance throughout the operation.
The SDO pin is an active output only during the data transfer
phase and remains three-stated at all other times.
A0
SEN
N1
tS
SCLK
SDIO
1/
fSCLK
tLOW
tHI
tDS
tDH
R/W
tEZ
A2
A1
tDV
D7
D6
D1
SDO
D0
tEZ
Figure 48. SPI 4-Wire Read Operation Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com