Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEA-GS-7 Datasheet(PDF) 1 Page - Festo Corporation.

Part # SEA-GS-7
Description  Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

SEA-GS-7 Datasheet(HTML) 1 Page - Festo Corporation.

  SEA-GS-7 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Plug
SEA-GS-7
Part number: 18666
General operating condition
Data sheet
Feature
Value
Based on norm
EN 61076-2-101
Type of mounting
With threaded sleeve
Cable outlet
Straight
Product weight
17 g
Electrical connection 1, design
Round
Electrical connection 1, connection type
Plug
Electrical connection 1, connection technology
M12x1 A-coded as per EN 61076-2-101
Electrical connection 1, number of pins/wires
4
Electrical connection 1, type of mounting
Screw-type lock with longitudinal knurl
Electrical connection for input 1, connection pattern
00995386
Electrical connection 2, connection technology
Screw terminal
Electrical connection 2, number of pins/wires
4
DC operating voltage range
0 V ... 250 V
Operating voltage range AC
0 V ... 250 V
Current rating at 40° C
4 A
Surge resistance
2.5 kV
Cable fitting
Pg7
Cable diameter
3.3 mm ... 6 mm
Approved cable diameter
4 mm ... 6 mm
Nominal conductor cross section
0.14 mm² ... 0.75 mm²
Degree of protection
IP67
Note on degree of protection
In mounted state
Ambient temperature
-40 °C ... 85 °C
CE marking (see declaration of conformity)
As per EU low voltage directive
UKCA marking (see declaration of conformity)
To UK instructions for electrical equipment
LABS (PWIS) conformity
VDMA24364-B2-L
Note on materials
RoHS-compliant
Contamination level
3
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Housing material
PBT
Housing colour
Black
Material of screw-type lock
PBT
Seals material
CR
FPM
Material of pin contacts
Brass
White bronze, coated
6/3/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - SEA-GS-7

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SEA-GS-11-DUO FESTO-SEA-GS-11-DUO Datasheet
80Kb / 1P
Plug
SEA-GS-9 FESTO-SEA-GS-9 Datasheet
81Kb / 1P
Plug
SEA-GS-M8 FESTO-SEA-GS-M8 Datasheet
83Kb / 1P
Plug
More results

Similar Description - SEA-GS-7

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
5225 AMPHENOL-5225 Datasheet
77Kb / 1P
Straight, Plug to Plug or Plug to Jack
logo
Pasternack Enterprises,...
PE9305 PASTERNACK-PE9305 Datasheet
104Kb / 1P
SMC T PLUG-PLUG-PLUG
PE9310 PASTERNACK-PE9310 Datasheet
258Kb / 3P
SMB Tee Adapter Plug-Plug-Plug
logo
Winchester Electronics ...
KM-59-14 WINCHESTER-KM-59-14 Datasheet
31Kb / 1P
PLUG
logo
Rosenberger Hochfrequen...
16S101-S00L5 ROSENBERGER-16S101-S00L5 Datasheet
58Kb / 2P
FMC ADAPTOR PLUG-PLUG
16S102-S00L5 ROSENBERGER-16S102-S00L5 Datasheet
65Kb / 2P
FMC ADAPTOR PLUG-PLUG
28S101-S00N5 ROSENBERGER-28S101-S00N5 Datasheet
83Kb / 2P
ADAPTOR QMA PLUG -PLUG
32S103-S00L5 ROSENBERGER-32S103-S00L5 Datasheet
222Kb / 2P
ADAPTOR SMA PLUG ??PLUG
logo
Festo Corporation.
533780 FESTO-533780 Datasheet
60Kb / 1P
Plug
4/20/22
533783 FESTO-533783 Datasheet
70Kb / 1P
Plug
4/20/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com