Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4E2508H Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4E2508H
Description  SURMOUNTTM Low and Medium & High Barrier Silicon Schottky Diodes: Anti-Parallel Pair
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4E2508H Datasheet(HTML) 2 Page - Tyco Electronics

  MA4E2508H Datasheet HTML 1Page - Tyco Electronics MA4E2508H Datasheet HTML 2Page - Tyco Electronics MA4E2508H Datasheet HTML 3Page - Tyco Electronics MA4E2508H Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SURMOUNTTM Low and Medium & High Barrier Silicon
Schottky Diodes: Anti-Parallel Pair
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
2
V2
MA4E2508 Series
Electrical Specifications @ 25 °C
Handling
All semiconductor chips should be handled with care
to avoid damage or contamination from perspiration
and skin oils. The use of plastic tipped tweezers or
vacuum
pickups
is
strongly
recommended
for
individual components. The top surface of the die
has a protective polyimide coating to minimize
damage.
The rugged construction of these SurMount devices
allows the use of standard handling and die attach
techniques. It is important to note that industry
standard electrostatic discharge (ESD) control is
required at all times, due to the sensitive nature of
Schottky junctions.
Bulk handling should insure that abrasion and
Die Bonding
Die attach for these devices is made simple through
the use of surface mount die attach technology.
Mounting pads are conveniently located on the
bottom surface of these devices, and are opposite
the active junction. The devices are well suited for
higher temperature solder attachment onto hard
substrates. 80Au/20Sn and Sn63/Pb37/Ag2 solders
are acceptable for usage.
For Hard substrates, we recommend utilizing a
vacuum tip and force of 60 to 100 grams applied
uniformly to the top surface of the device, using a
hot gas bonder with equal heat applied across the
bottom mounting pads of the device. When soldering
to soft substrates, it is recommended to use a
lead-tin interface at the circuit board mounting pads.
Position the die so that its mounting pads are
aligned with the circuit board mounting pads. Reflow
the solder paste by applying Equal heat to the circuit
at both die-mounting pads. The solder joint must Not
be made one at a time, creating un-equal heat flow
and thermal stress. Solder reflow should Not be
performed by causing heat to flow through the top
surface of the die. Since the HMIC glass is
transparent, the edges of the mounting pads can be
visually inspected through the die after die attach is
completed.
Absolute Maximum Ratings @ 25 °C
(Unless Otherwise Noted)
1
1. Operation of this device above any one of these parameters
may cause permanent damage.
Parameter
Absolute Maximum
Operating Temperature
-40 °C to +125 °C
Storage Temperature
-40 °C to +150 °C
Junction Temperature
+175 °C
Forward Current
20 mA
Reverse Voltage
5 V
RF C.W. Incident Power
+ 20 dBm
RF & DC Dissipated Power
50 mW
Rt is the dynamic slope resistance where Rt = Rs + Rj , where
Rj =26 / Idc ( Idc is in mA) and Rs is the Ohmic Resistance.
Model
Number
Type
Recommended
Frequency Range
Vf @ 1 mA
( mV )
Ct @ 0 V
( pF )
Rt Slope Resistance
( Vf1 - Vf2 ) / (10.5mA-9.5mA )
(
Ω )
MA4E2508L
Low
Barrier
DC - 18 GHz
330 Max
300 Typ
0.24 Max
0.18 Typ
16 Typ
20 Max
MA4E2508M
Medium
Barrier
DC - 18 GHz
470 Max
420 Typ
0.24 Max
0.18 Typ
12 Typ
18 Max
MA4E2508H
High
Barrier
DC - 18 GHz
700 Max
650 Typ
0.24 Max
0.18 Typ
6 Typ
8 Max
Max Forward Voltage Difference
∆Vf @ 1 mA: 10 mV



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com