Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1374 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1374
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1374 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1374 Datasheet HTML 2Page - Linear Technology LT1374 Datasheet HTML 3Page - Linear Technology LT1374 Datasheet HTML 4Page - Linear Technology LT1374 Datasheet HTML 5Page - Linear Technology LT1374 Datasheet HTML 6Page - Linear Technology LT1374 Datasheet HTML 7Page - Linear Technology LT1374 Datasheet HTML 8Page - Linear Technology LT1374 Datasheet HTML 9Page - Linear Technology LT1374 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
LT1374
1374fb
FB/SENSE: The feedback pin is the input to the error
amplifier which is referenced to an internal 2.42V source.
An external resistive divider is used to set the output
voltage. The fixed voltage (-5) parts have the divider
included on-chip and the FB pin is used as a SENSE pin,
connected directly to the 5V output. Three additional
functions are performed by the FB pin. When the pin
voltage drops below 1.7V, switch current limit is reduced.
Below 1.5V the external sync function is disabled. Below
1V, switching frequency is also reduced. See Feedback Pin
Function section in Applications Information for details.
BOOST: The BOOST pin is used to provide a drive voltage,
higher than the input voltage, to the internal bipolar NPN
power switch. Without this added voltage, the typical
switch voltage loss would be about 1.5V. The additional
boost voltage allows the switch to saturate and voltage
loss approximates that of a 0.07
Ω FET structure. Effi-
ciency improves from 75% for conventional bipolar de-
signs to > 89% for these new parts.
VIN: This is the collector of the on-chip power NPN switch.
This pin powers the internal circuitry and internal regulator
when the BIAS pin is not present. At NPN switch on and off,
high dI/dt edges occur on this pin. Keep the external
bypass and catch diode close to this pin. All trace induc-
tance on this path will create a voltage spike at switch off,
adding to the VCE voltage across the internal NPN. Both VIN
pins of the 16-lead TSSOP package must be shorted
together on the PC board.
GND: The GND pin connection needs consideration for
two reasons. First, it acts as the reference for the regulated
output, so load regulation will suffer if the “ground” end of
the load is not at the same voltage as the GND pin of the
IC. This condition will occur when load current or other
currents flow through metal paths between the GND pin
and the load ground point. Keep the ground path short
between the GND pin and the load and use a ground plane
when possible. The second consideration is EMI caused
by GND pin current spikes. Internal capacitance between
the VSW pin and the GND pin creates very narrow (<10ns)
current spikes in the GND pin. If the GND pin is connected
to system ground with a long metal trace, this trace may
radiate excess EMI. Keep the path between the input
bypass and the GND pin short.
VSW: The switch pin is the emitter of the on-chip power
NPN switch. This pin is driven up to the input pin voltage
during switch on time. Inductor current drives the switch
pin negative during switch off time. Negative voltage is
clamped with the external catch diode. Maximum negative
switch voltage allowed is – 0.8V. Both VSW pins of the
16-lead TSSOP package must be shorted together on the
PC board.
BOOST Pin Current
SWITCH CURRENT (A)
0
0
10
20
40
30
60
50
12
3
45
1374 G16
80
70
100
90
DUTY CYCLE = 100%
Inductor Core Loss
INDUCTANCE (
µH)
05
1.0
0.1
0.01
0.001
10
15
20
20
12
8
4
2
1.2
0.8
0.4
0.2
0.12
0.08
0.04
0.02
25
1374 G01
TYPE 52
POWDERED IRON
Kool M
µ®
PERMALLOY
µ = 125
VOUT = 5V, VIN = 10V, IOUT = 1A
CORE LOSS IS
INDEPENDENT OF LOAD
CURRENT UNTIL LOAD CURRENT FALLS
LOW ENOUGH FOR CIRCUIT TO GO INTO
DISCONTINUOUS MODE
VC Pin Shutdown Threshold
JUNCTION TEMPERATURE (
°C)
–50
1.4
1.2
1.0
0.8
0.6
0.4
100
1374 G11
–25
0
25
50
75
125
SHUTDOWN
TYPICAL PERFOR A CE CHARACTERISTICS
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com