Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCC00RF Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC00RF
Description  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC00RF Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC00RF Datasheet HTML 1Page - Balluff Korea Ltd. BCC00RF Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double-Ended Cordsets
BIS Z-501-PU1-20/E
Order Code: BCC00RF
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 280025
ETIM 6.0: EC001855
BCC00RF_0.59_2023-12-20
1 / 2
1) Cable length see text, 2) Connector included
Basic features
Approval/Conformity
CE
UKCA
WEEE
Electrical connection
Bending radius min., fixed cable
5 x D
Bending radius min., flexible cable
15 x D
Cable
PUR Shielded black, 20 m, drag
chain compatible
Cable diameter D
6.70 mm ±0.30 mm
Conductor cross-section
0.25 mm²
Connection 1
M12x1-Female, straight, 8-pin, A-
coded
Connection 2
M12x1-Male, straight, 8-pin, A-
coded
Number of conductors
8
System
Molded/Molded
Electrical data
Conductor construction
4x2 twisted-pair
Operating voltage Ub
30 VDC / 30 VAC
Rated current (40 °C)
2.0 A
Stranding
pairs
Environmental conditions
Cable temperature UL max., fixed routing 80 °C
Cable temperature UL max., flexible
routing
80 °C
Cable temperature, drag chain
-5...60 °C
Cable temperature, fixed routing
-40...90 °C
Cable temperature, flexible routing
-5...90 °C
IP rating
IP67/IP67
Material
Cable jacket material, note
Shielded
Cable jacket, material
PUR
Cable shield
Copper braid, tin-plated
Material contacts
Bronze/Brass
Mechanical data
Acceleration max., drag chain
5 m/s²
Cable jacket, color
black
Cable length L
20.00 m
Cable properties
drag chain compatible
Horizontal travel permitted, drag chain
10 m
Tightening torque pigtail
0.6 Nm/0.6 Nm
Traverse speed max., drag chain
4.5 m/s


Similar Part No. - BCC00RF

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC00R2 BALLUFF-BCC00R2 Datasheet
92Kb / 1P
LF (125 kHz)
BCC00R3 BALLUFF-BCC00R3 Datasheet
92Kb / 1P
LF (125 kHz)
BCC00R4 BALLUFF-BCC00R4 Datasheet
92Kb / 1P
LF (125 kHz)
BCC00R9 BALLUFF-BCC00R9 Datasheet
89Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC00RC BALLUFF-BCC00RC Datasheet
89Kb / 2P
Double-Ended Cordsets
2023-12-20
More results

Similar Description - BCC00RF

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0FCK BALLUFF-BCC0FCK Datasheet
106Kb / 2P
Double-Ended Cordsets
0.5_2022-07-15
BCC0KU2 BALLUFF-BCC0KU2 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.38_2022-08-01
BCC0KU3 BALLUFF-BCC0KU3 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.4_2022-08-01
BCC0KY7 BALLUFF-BCC0KY7 Datasheet
113Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LL5 BALLUFF-BCC0LL5 Datasheet
110Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LL9 BALLUFF-BCC0LL9 Datasheet
111Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LN3 BALLUFF-BCC0LN3 Datasheet
108Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LP6 BALLUFF-BCC0LP6 Datasheet
122Kb / 2P
Double-Ended Cordsets
0.48_2022-07-15
BCC0LPA BALLUFF-BCC0LPA Datasheet
111Kb / 2P
Double-Ended Cordsets
0.4_2022-08-08
BCC0LPC BALLUFF-BCC0LPC Datasheet
111Kb / 2P
Double-Ended Cordsets
0.38_2022-08-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com