Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE5006L-R Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SE5006L-R
Description  5 GHz Front-End Module with Power Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5006L-R Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SE5006L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE5006L-R Datasheet HTML 11Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DATA SHEET
SE5006L: 5 GHz Front-End Module with Power Detector
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202447A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
7
Power Detector Characteristics
Conditions:
VCC = VPAON =CL1 = 3.3V, CL2 = 0V, f = 5.4 GHz, TA = 25 °C, as measured on Skyworks Solutions’
SE5006L-EV1 evaluation board, unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
PDR
POUT detect range
-
0
-
P1dB
dBm
VDET22
Detector voltage
POUT = 22 dBm
0.80
-
1.0
V
VDET16
Detector voltage
POUT = 16 dBm
0.55
-
0.60
V
VDET2
Detector voltage
POUT = 2 dBm
0.25
-
0.35
V
PDZOUT
Output Impedance
-
-
5
-
Detector Performance over Frequency and Temperature
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22
Output Power (dBm)
25C, 4.90GHz
25C, 5.09GHz
25C, 5.28GHz
25C, 5.47GHz
25C, 5.66GHz
25C, 5.85GHz
85C, 4.90GHz
85C, 5.09GHz
85C, 5.28GHz
85C, 5.47GHz
85C, 5.66GHz
85C, 5.85GHz
0C, 4.90GHz
0C, 5.09GHz
0C, 5.28GHz
0C, 5.47GHz
0C, 5.66GHz
0C, 5.85GHz
Figure 3: SE5006L Power Detector Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com