Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS387FN2 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 1SS387FN2
Description  Surface Mount Switching Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SS387FN2 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  1SS387FN2_V01 Datasheet HTML 1Page - Pan Jit International Inc. 1SS387FN2_V01 Datasheet HTML 2Page - Pan Jit International Inc. 1SS387FN2_V01 Datasheet HTML 3Page - Pan Jit International Inc. 1SS387FN2_V01 Datasheet HTML 4Page - Pan Jit International Inc. 1SS387FN2_V01 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1SS387FN2
August 4,2023
1SS387FN2-REV.00
Page 2
Electrical Characteristics (TA = 25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Forward Voltage
VF
IF = 1 mA
-
0.62
0.715
V
IF = 10 mA
-
0.75
0.855
IF = 100 mA
-
0.98
1.2
Reverse Leakage Current
IR
VR = 30 V
-
-
0.1
uA
VR = 80 V
-
-
0.5
uA
Total Capacitance
CT
VR = 0 V, f = 1 MHz
-
0.5
-
pF
Reverse Recovery Time
TRR
IF = 10 mA, IR = 1 mA
VR = 6 V, RL=100Ω
-
1.6
-
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com