Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4FCP305 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4FCP305
Description  Silicon Flip Chip PIN Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4FCP305 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4FCP305 Datasheet HTML 1Page - Tyco Electronics MA4FCP305 Datasheet HTML 2Page - Tyco Electronics MA4FCP305 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon Flip Chip PIN Diode
MA4FCP305
V 3.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
2
1. Total capacitance is equivalent to the sum of junction capacitance Cj and parasitic capacitance, Cp.
2. Series resistance RS is equivalent to the total diode series resistance including the junction resistance Rj.
3. Rs and Cp measured on an HP4291A with die mounted in an ODS-186 package.
4. Steady-state thermal resistance measured with die mounted in an ODS-186 package.
Electrical Specifications @ TA = + 25 °C
Parameters @ Conditions
Symbol
Units
Min.
Typ.
Max.
Total Capacitance @ -10 V, 1 MHz
1
CT
pF
0.060
Total Capacitance @ -10 V, 1 GHz
1,3
CT
pF
0.050
Series Resistance @ +50 mA
2,3 , 100 MHz
RS
1.7
Series Resistance @ +50 mA
2,3 , 1 GHz
RS
2.1
Forward Voltage @ +100 mA
VF
V
1.05
1.25
Reverse Voltage @ -10
µ A
VR
V
-40
-50
Reverse Current @ -40 V
IR
µ A
10
50 - 90% Lifetime @ +10 mA / -6 mA
TL
ns
25
Steady State Thermal Resistance
4
θ
° C/W
640
Mounting Techniques
These devices were designed for insertion onto hard or soft
substrates with the junction side down. They can be mounted
with electrically conductive epoxy or with a low temperature
solder preform.
The die can also be assembled with the
junction side up, and wire or ribbon bonds made to the pads.
Solder Die Attach Using
Electrically Conductive Ag Epoxy
and Solder
These chips are designed to be inserted onto hard or soft
substrates with the junction side down. They should be
mounted onto silkscreened circuits using
Electrically
Conductive Ag Epoxy, approximately 1-2 mils in thickness
and
cured
at
approximately
90
°C
to
150
°C
per
manufacturer’s schedule . For extended cure times >30
minutes, temperatures must be below 200 °C.
Sn Rich Solders are not recommended due to the Tungsten
Metallization scheme beneath the gold contacts. Indalloy or
80 Au/20 Sn Solders are acceptable. Maximum soldering
temperature must be <300 °C for <10 sec.
Assembly Considerations
The following precautions should be observed for successful
assembly of the die.
Cleanliness
These chips should be handled in a clean environment. Do not
attempt to clean die after installation.
ESD
These devices very susceptible to ESD and are rated Class 0
(0-199
V)
per
HBM
MIL-STD-883,
method
3015.7
[C = 100 pF
±10%, R = 1.5k Ω ±1%]. Even though tested die
pass 100 V ESD, they must be handled in a static-free
environment
General Handling
The protective polymer coating on the active areas of these
devices provides scratch protection, particularly for the metal
airbridge that contacts the anode. Die can be handled with
tweezers or vacuum pickups and are suitable for use with
automatic pick-and-place equipment.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com