Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS324APE1 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AS324APE1
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS324APE1 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AS324APE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS324APE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS324APE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS324APE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS324APE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS324APE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS324APE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS324APE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS324APE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324/324A
Data Sheet
3
Apr. 2007 Rev. 1.6
BCD Semiconductor Manufacturing Limited
Absolute Maximum Ratings (Note 1)
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
40
V
Differential Input Voltage
VID
40
V
Input Voltage
VIN
-0.3 to 40
V
Total Power Dissipation (TA=25
oC)
PD
DIP-14
1130
mW
SOIC-14
800
TSSOP-14
710
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10 Seconds)
TLEAD
260
oC
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
336
V
Ambient Operating Temperature Range
TA
-40
85
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Ordering Information (Continuation)
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOIC-14
-40 to 85oC
AS324M
AS324M-E1
AS324M
AS324M-E1
Tube
AS324MTR
AS324MTR-E1
AS324M
AS324M-E1
Tape & Reel
AS324AM-E1
AS324AM-E1
Tube
AS324AMTR-E1
AS324AM-E1
Tape & Reel
DIP-14
AS324P
AS324P-E1
AS324P
AS324P-E1
Tube
AS324AP-E1
AS324AP-E1
Tube
TSSOP-14
AS324GTR-E1
EGS324
Tape & Reel
AS324G-E1
EGS324
Tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com