Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4ST1320 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4ST1320
Description  Low Voltage/Low Rs Silicon Hyperabrupt Varactor Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4ST1320 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4ST1320 Datasheet HTML 1Page - Tyco Electronics MA4ST1320 Datasheet HTML 2Page - Tyco Electronics MA4ST1320 Datasheet HTML 3Page - Tyco Electronics MA4ST1320 Datasheet HTML 4Page - Tyco Electronics MA4ST1320 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Also Offering
RoHs Compliant
Equivalent Parts
Low Voltage/Low Rs Silicon Hyperabrupt
Varactor Diode
V3
MA4ST1300 Series
2
Electrical Specifications @ TA = +25 °C
Breakdown Voltage @ IR = 10µA, Vb = 12 V Minimum
Reverse Leakage Current @ VR =10V, IR = 100 nA Maximum
1 The prefix defines package style, configuration and packaging information. Contact representative for complete part identification.
2 Capacitance @ 1 MHz
3 Series Resistance @ 100 MHz
Typical Capacitance vs. Biasing Voltage
3
Part Number
Base
Ct
(pF)
2
Capacitance
Ratio
Rs
3
(Ohm)
VR = 0.5V
VR = 4.0V
Ct0.5/Ct3.0
VR = 2.0 V
Min.
Nom.
Max.
Typ.
Typ.
Typ.
Max.
MA4ST1320
MAVR-001320-XXXXXX
48.0
55.0
63.0
17.0
3.37
0.32
0.5
MA4ST1330
MAVR-001330-XXXXXX
22.0
25.0
30.0
7.8
3.31
0.45
0.7
MA4ST1340
MAVR-001340-XXXXXX
15.0
18.0
21.0
5.2
3.4
0.57
0.85
MA4ST1350
MAVR-001350-XXXXXX
9.5
11.0
13.5
3.6
3.2
0.78
1.0
RoHs Compliant
Part Number Base
1
0
10
20
30
40
50
60
012
345
Biasing Voltage (V)
MA4ST1320/ MAVR-001320
MA4ST1330/MAVR-001330
MA4ST1340/ MAVR-001340
MA4ST1350/MAVR-001350
Typical Capacitance Change vs. Temperature
-4%
-2%
0%
2%
4%
-40
-15
10
35
60
85
Temperature (degree C)
Series Resistance vs Biasing Voltage*
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
0.0
1.0
2.0
3.0
4.0
Biasing Voltage (V)
MA4ST1350 / MAVR-001350
MA4ST1320 / MAVR-001320
MA4ST1330 / MAVR-001330
MA4ST1340 / MAVR-001340



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com