Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEFU-D12G4-R3DW4 Datasheet(PDF) 1 Page - Festo Corporation.

Part # NEFU-D12G4-R3DW4
Description  Cabinet through-feed
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

NEFU-D12G4-R3DW4 Datasheet(HTML) 1 Page - Festo Corporation.

  NEFU-D12G4-R3DW4 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Cabinet through-feed
NEFU-D12G4-R3DW4
Part number: 8040457
General operating condition
Data sheet
Feature
Value
Length
40.1 mm
Conforms to standard
EN 61076-2-101
IEC 60603-7-3
Type of mounting
Screwed tightly
Electrical connection 1
Straight socket, M12x1, 4-pin, D-coded
Electrical connection 2
Angled socket, RJ45, 4-pin
DC operating voltage range
0 V ... 30 V
Current rating at 40° C
2 A
Surge resistance
0.8 kV
Transmission characteristics
In accordance with category 5, EN 50173, class D
According to category 5, ISO/IEC 11801, class D
Degree of protection
IP20
IP65
IP67
Ambient temperature
-5 °C ... 60 °C
LABS (PWIS) conformity
VDMA24364-B2-L
Note on materials
RoHS-compliant
Contamination level
3
Corrosion resistance class (CRC)
1 - Low corrosion stress
Housing material
Brass, nickel-plated
PA
Die-cast zinc
Housing colour
Black
Material of pin contacts
Brass
Gold-plated
6/6/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - NEFU-D12G4-R3DW4

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
NEFU-D12G4-D12DG4 FESTO-NEFU-D12G4-D12DG4 Datasheet
89Kb / 1P
Cabinet through-feed
More results

Similar Description - NEFU-D12G4-R3DW4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
227-03910 GLENAIR-227-03910 Datasheet
427Kb / 2P
Bulkhead Feed-Through
logo
PHOENIX CONTACT
1414393 PHOENIX-1414393 Datasheet
71Kb / 4P
Control cabinet feed-through - CUC-BH-M12A1PBK-A/R4BE
1414396 PHOENIX-1414396 Datasheet
73Kb / 4P
Control cabinet feed-through - CUC-BH-M12A1PBK-S/R4BE
1414397 PHOENIX-1414397 Datasheet
76Kb / 4P
Control cabinet feed-through - CUC-BH-M12D1PBK-A/R4BE
1414398 PHOENIX-1414398 Datasheet
68Kb / 4P
Control cabinet feed-through - CUC-BH-M12D1PBK-S/R4BE
1404548 PHOENIX-1404548 Datasheet
67Kb / 3P
Control cabinet feed-through - VS-BH M12FSX-10GRJ45/90
1404549 PHOENIX-1404549 Datasheet
103Kb / 4P
Control cabinet feed-through - VS-BH-M12FSX-10G-RJ45/180
1405057 PHOENIX-1405057 Datasheet
62Kb / 3P
Control cabinet feed-through - VS-BH-M12FS-8CON-RJ45/90
1405060 PHOENIX-1405060 Datasheet
63Kb / 3P
Control cabinet feed-through - VS-BH-M12FS-8CONRJ45/180
logo
Eaton All Rights Reserv...
C220X EATON-C220X Datasheet
423Kb / 2P
Feed through connector
October 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com