Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA46600 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA46600
Description  GaAs, High Q Abrupt Tuning Varactors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA46600 Datasheet(HTML) 2 Page - Tyco Electronics

  MA46600_1 Datasheet HTML 1Page - Tyco Electronics MA46600_1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
RoHs Compliant
GaAs, High Q Abrupt Tuning Varactors
V4
MA46600 Series
2
Electrical Specifications @ TA = +25 °C
Gamma 0.5 Abrupt Tuning Varactors
Breakdown Voltage @ 10 µA = 30 V minimum
Reverse Current @ 24 V = 100 nA maximum
Gamma = 0.48 - 0.50, VR = 0 to 30 V
Part Number
Total
Capaci-
tance
1,2
+/-10%
Total
Capacitance
Ratio
1,2
Q
Minimum
Ir=10µA
Vr=4V
Vr=0V
Vr=30V
Vr=4V
f=50MHz
(V)
(pF)
-
-
MA46600
30
0.3
1.9
8000
MA46602
30
0.5
2.5
7000
MA46603
30
0.6
2.8
6500
MA46604
30
0.8
3.2
6000
Notes:
1. Capacitance is measured at 1 MHz on a bridge which has been
balanced with shielded test holders connected in place but open cir-
cuited.
2. All GaAs tuning varactors are available in any case style shown in
this bulletin as well as in chip form. When ordering, specify the desired
case by adding the case designation as a suffix to the model number,
i.e., MA46601-30. For example, a MA46601-30 specifies a 30 volt
tuning diode in a case style 30 with a CT14 between .36 and .44 pF and
a Q at -4 volts and 50 MHz
≥7500. The capacitance values and capaci-
tance ratios are for case style 30. Other case styles or chips will have
slightly different values.
3. All junctions are abrupt i.e., y = 0.50 ± .03.
4. Total capacitance ratios will vary with case choice due to differences
in case capacitance (Cp). Figure 1 shows the ratio for the 30 case
style.
5. Case parasitics (Cp and Ls) are given for most case styles.
Environmental Ratings
Method
Levels
Temperature, Storage
1031
See Maximum Ratings
Temperature, Cycling
1051
5 cycles, -65 to + 150 C
Shock
2016
500 g’s
Vibration
2056
15 g’s
Constant Acceleration
2006
20,000 g’s
Moisture Resistance
1021
10 days
Typical Performance Curves
Specifications subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com