Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAMSS0014 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAMSS0014
Description  Broadband Driver Amplifier 500 - 2400 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0014 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAMSS0014 Datasheet HTML 1Page - Tyco Electronics MAAMSS0014 Datasheet HTML 2Page - Tyco Electronics MAAMSS0014 Datasheet HTML 3Page - Tyco Electronics MAAMSS0014 Datasheet HTML 4Page - Tyco Electronics MAAMSS0014 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Broadband Driver Amplifier
500 - 2400 MHz
MAAMSS0014
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
Cellular Band Electrical Specifications: TA = 25°C, Z0 = 50 Ω, VCC = 5 V, PIN ≤ -5 dBm
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Gain
—
900 MHz
dB
17
19
21
Input Return Loss
—
800 - 1000 MHz
dB
—
8
—
Output Return Loss
—
800 - 1000 MHz
dB
—
11
—
Output IP3
Two tones, 0.3 MHz spacing, -11 dBm / tone
900 MHz
dBm
35
38
—
POUT
ACPR=-50 dBc, 9 Channels Forward
880 MHz
dBm
—
18
—
P1dB
—
800 - 1000 MHz
dBm
—
24
—
Noise Figure
—
800 - 1000 MHz
dB
—
5
—
Current
—
—
mA
—
110
130
PCS Band Electrical Specifications: TA = 25°C, Z0 = 50 Ω, VCC = 5 V, PIN ≤ 0 dBm
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Gain
—
1800 - 2200 MHz
dB
—
14.5
—
Input Return Loss
—
1800 - 2200 MHz
dB
—
8
—
Output Return Loss
—
1800 - 2200 MHz
dB
—
20
—
Output IP3
Two tones, 0.3 MHz spacing, -6.5 dBm/tone
1800 - 2200 MHz
dBm
—
38
—
POUT
ACPR=-50 dBc, 9 Channels Forward
1960 MHz
dBm
—
19
—
P1dB
—
1800 - 2200 MHz
dBm
—
24
—
Noise Figure
—
1800 - 2200 MHz
dB
—
5
—
Current
—
—
mA
—
110
130
Component List
Cellular
Configuration
Value
Style
Manufacturer
C1
5 pF
0603
Murata
C2
3300 pF
0603
Murata
C3
8 pF
0603
Murata
L1
7.5 nH
0603
Coilcraft
L2
120 nH
0603
Coilcraft
PCS
Configuration
Value
Style
Manufacturer
C1
1.5 pF
0603
Murata
C2
2200 pF
0603
Murata
C3
4 pF
0603
Murata
L1
5.1 nH
0603
Coilcraft
L2
47 nH
0805
Coilcraft
Operating the MAAMSS0014
The MAAMSS0014 can be damaged by electrostatic
discharge (ESD). Use proper ESD control techniques
when handling this device. To operate the
MAAMSS0014, follow these steps.
1.
Apply VCC (5.0 V).
2.
Set PIN.
3.
Turn off in reverse order.
Application Schematic
C2
L2
C3
C1
L1
RF In
RF Out
Vcc



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com