Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLD20D Datasheet(PDF) 23 Page - STMicroelectronics

Part # STLD20D
Description  White LED power supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STLD20D Datasheet HTML 19Page - STMicroelectronics STLD20D Datasheet HTML 20Page - STMicroelectronics STLD20D Datasheet HTML 21Page - STMicroelectronics STLD20D Datasheet HTML 22Page - STMicroelectronics STLD20D Datasheet HTML 23Page - STMicroelectronics STLD20D Datasheet HTML 24Page - STMicroelectronics STLD20D Datasheet HTML 25Page - STMicroelectronics STLD20D Datasheet HTML 26Page - STMicroelectronics STLD20D Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
STLD20D
Layout recommendation
23/31
10
Layout recommendation
The package connection of the STLD20D has been realized in order to facilitate the layout
of the PCB. The golden rule to obtain an optimized layout is to split the power and signal track
as shown on the
Figure 24.
It is necessary to place the input capacitor as closed as possible between pin1 and pin2 of
the STLD20D package. If the CIN capacitor is not closed to the device, high frequency noise
due to gate driver dI/dt flows through the copper track of the board and can generate some
line voltage drop due to the line inductance.
For the same reason, in order to eliminate high frequency current loop, the connection of the
diode (D) and the output capacitor (COUT) must be as close as possible to the internal power
MosFET (SW) (close to pin 8 and 1).
Concerning the signal path, we recommend to create the PCB GND signal from the pin 1
("A" point in the
Figure 24.). Thus all signal references such as feedback and the voltage
across Rset are not disturbed by the power stage.
Figure 24.
Layout suggested
A
GND
VIN
COUT
12
8
D
L
STLD20D
CIN
RSET
SHDN
RLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com