Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28447 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # CY28447
Description  Clock Generator for Intel짰 Calistoga Chipset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CY28447 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CY28447 Datasheet HTML 13Page - List of Unclassifed Manufacturers CY28447 Datasheet HTML 14Page - List of Unclassifed Manufacturers CY28447 Datasheet HTML 15Page - List of Unclassifed Manufacturers CY28447 Datasheet HTML 16Page - List of Unclassifed Manufacturers CY28447 Datasheet HTML 17Page - List of Unclassifed Manufacturers CY28447 Datasheet HTML 18Page - List of Unclassifed Manufacturers CY28447 Datasheet HTML 19Page - List of Unclassifed Manufacturers CY28447 Datasheet HTML 20Page - List of Unclassifed Manufacturers CY28447 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Rev 1.0, November 20, 2006
Page 21 of 21
CY28447
While SLI has reviewed all information herein for accuracy and reliability, Spectra Linear Inc. assumes no responsibility for the use of any cir-
cuitry or for the infringement of any patents or other rights of third parties which would result from each use. This product is intended for use in
normal commercial applications and is not warranted nor is it intended for use in life support, critical medical instruments, or any other applica-
tion requiring extended temperature range, high reliability, or any other extraordinary environmental requirements unless pursuant to additional
processing by Spectra Linear Inc., and expressed written agreement by Spectra Linear Inc. Spectra Linear Inc. reserves the right to change any
circuitry or specification without notice.
2.4V
0.4V
3.3V
0V
T R
T F
1.5V
3.3V sig na l s
T DC
-
-
Figure 18. Single-ended Output Signals (for AC Parameters Measurement)
Ordering Information
Part Number
Package Type
Product Flow
Lead-free
CY28447LFXC
72-pin QFN
Commercial, 0
° to 85°C
CY28447LFXCT
72-pin QFN – Tape and Reel
Commercial, 0
° to 85°C
Package Diagram
72-Lead QFN 10 x 10 mm (Punch Version) LF72A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com