Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAATCC0013 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAATCC0013
Description  Voltage Variable Attenuator 824 - 960 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATCC0013 Datasheet(HTML) 2 Page - Tyco Electronics

  MAATCC0013 Datasheet HTML 1Page - Tyco Electronics MAATCC0013 Datasheet HTML 2Page - Tyco Electronics MAATCC0013 Datasheet HTML 3Page - Tyco Electronics MAATCC0013 Datasheet HTML 4Page - Tyco Electronics MAATCC0013 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.&()) **))
#
$ %// 0-'&1./ *'' + ,%// 0-'&1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
*
%
& ' ( )*+ ,-. ( *. , ( /)0
12. 345
'
6
3
'
3 #
8
23 G ' 2
3
H
0 .
* 0
2:I 4
4
H
0 .
* *
+
+ B
' 0' 3
' *' 3
' (' 3
3
3
3
H
H
H
0 (
0 (
* 1
H
H
H
:
:
1';
-'; 0'; 4+
H
.'
H
6(
$
$
-''
5C!-'1
5C!J1 3
23 G ' 2
3
H
/'
H
6*
$
$
-''
5C!-'1
5C!J1 3
23 G ' 2
3
H
(/
H
3 G ' ('
' /1
3
*1
*&
H
7
*
3 #
7
8,
0
3 #
,
6
J*. 3
2
J1 2
$
/'?
J&1?
:
$
)1?
J0*1?
(
7,
"
/
"
4
6
"
%
%
%
9
=
7:D
"
"
6
7:D
B
"
1
G +4 /')!' '(0
8
I
G ' '*1
!8
:
G ' ''1)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com