Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAATSS0016 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAATSS0016
Description  Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATSS0016 Datasheet(HTML) 2 Page - Tyco Electronics

  MAATSS0016 Datasheet HTML 1Page - Tyco Electronics MAATSS0016 Datasheet HTML 2Page - Tyco Electronics MAATSS0016 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Digital Attenuator, 4-Bit, Single Control
30 dB, 0.5 - 2.0 GHz
MAATSS0016
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Electrical Specifications7: TA = 25°C, Z0 = 50 Ω, VS = 5 V
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Reference Insertion Loss
0.5 - 1.0 GHz
0.5 - 2.0 GHz
dB
dB
—
—
2.0
2.2
2.4
2.7
Attenuation Accuracy
0.5 - 1.0 GHz
0.5 - 2.0 GHz
± (0.15 dB + 5% of attenuation setting in dB) dB
± (0.3 dB + 5% of attenuation setting in dB) dB
VSWR
1.0 - 1.5 GHz
0.5 - 2.0 GHz
Ratio
Ratio
—
—
1.5:1
1.9:1
—
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
—
500
—
Ton, Toff
50% Control to 90% RF,
50% Control to 10% RF
nS
—
500
—
Transients
In Band
mV
—
75
—
1 dB Compression
Input Power, 0.5 GHz
Input Power, 0.9 GHz
dBm
dBm
—
—
25
25
—
—
IP2
0.5 GHz
0.5 - 2.0 GHz
Measured Relative to Input (for two-tone Input Power up to +5 dBm)
dBm
dBm
—
—
65
71
—
—
IP3
0.5 GHz
0.5 - 2.0 GHz
Measured Relative to Input (for two-tone Input Power up to +5 dBm)
dBm
dBm
—
—
43
47
—
—
IC
⏐Vc⏐ = 5 V
µA
—
—
10
IVS
—
µA
—
—
20
7.
External DC blocking capacitors are required on all RF ports. Loss varies at 0.003 dB/°C.
Lead-Free
TSSOP-16†
†
Reference Application Note M538 for lead-free solder reflow recommendations.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com