Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAATSS0019 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAATSS0019
Description  Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATSS0019 Datasheet(HTML) 2 Page - Tyco Electronics

  MAATSS0019 Datasheet HTML 1Page - Tyco Electronics MAATSS0019 Datasheet HTML 2Page - Tyco Electronics MAATSS0019 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Digital Attenuator, 4-Bit, Single Control, 15 dB
0.5 - 4.0 GHz
MAATSS0019
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Electrical Specifications: TA = 25°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Reference Insertion Loss
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
dB
dB
dB
dB
—
—
—
—
1.3
1.6
1.8
2.5
1.6
—
—
—
Attenuation Accuracy
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 4.0 GHz
± (0.25 dB +5% of Atten. setting in dB) dB
± (0.4 dB +5% of Atten. setting in dB) dB Typical
± (0.6 dB +5% of Atten. setting in dB) dB Typical
VSWR
0.5 - 2.0 GHz
2.0 - 4.0 GHz
Ratio
Ratio
—
—
1.3:1
1.3:1
—
—
Trise, Tfall
—
µS
—
2.5
—
Ton, Toff
—
µS
—
1.0
—
Input P1dB
> 0.5 GHz
dBm
—
24
—
IP2
Measured Relative to Input Power, Two Tone input up
to 5 dBm, 5 MHz Spacing > 0.5 GHz
dBm
—
80
—
IP3
Measured Relative to Input Power, Two Tone input up
to 5 dBm, 5 MHz Spacing > 0.5 GHz
dBm
—
47
—
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table
6,7
VC1
VC2
VC3
VC4
Attenuation (dB)
1
1
1
1
Reference IL
1
1
1
0
1
1
1
0
1
2
1
0
1
1
4
0
1
1
1
8
0
0
0
0
15
6.
0 = 0 ± 0.2 V, 1 = +5 V @ 50 µA max. current total.
7.
VS = +5 V.
Lead Free TSSOP-16
†
Reference Application Note M538 for lead-free solder reflow recommendations.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com