Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCL-24DC Datasheet(PDF) 1 Page - Festo Corporation.

Part # MCL-24DC
Description  Indicating insert
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

MCL-24DC Datasheet(HTML) 1 Page - Festo Corporation.

  MCL-24DC Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Indicating insert
MCL-24DC/AC
Part number: 10000
General operating condition
Data sheet
Feature
Value
Product weight
12 g
Electrical connection
Form A
Plug
as per DIN EN 175301-803
Nominal operating voltage DC
24 V
Nominal operating voltage AC
24 V
Mains frequency
0 Hz ... 60 Hz
Permissible voltage fluctuations
+/- 15 %
Degree of protection
IP65
as per IEC 60529
Ambient temperature
-20 °C ... 60 °C
LABS (PWIS) conformity
VDMA24364-B2-L
Housing material
PA6-reinforced
6/10/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - MCL-24DC

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
MCL-230AC FESTO-MCL-230AC Datasheet
68Kb / 1P
Indicating insert
More results

Similar Description - MCL-24DC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
70P00000Z LITTELFUSE-70P00000Z Datasheet
100Kb / 1P
Alarm Indicating Fuse
logo
List of Unclassifed Man...
M22-R10K ETC2-M22-R10K Datasheet
5Mb / 89P
Pushbuttons and Indicating Lights
logo
Cooper Bussmann, Inc.
FNW-30 COOPER-FNW-30 Datasheet
60Kb / 2P
Indicating Fuse Covers
SAMI-9I COOPER-SAMI-9I Datasheet
60Kb / 2P
SAMI Indicating Fuse Covers
HLS-10 COOPER-HLS-10 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
logo
List of Unclassifed Man...
DL1BLB ETC2-DL1BLB Datasheet
99Kb / 2P
DL1BLB Indicating Beacon
logo
Cooper Bussmann, Inc.
GLD COOPER-GLD Datasheet
117Kb / 1P
Pin-Indicating Type
GMT COOPER-GMT Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
logo
List of Unclassifed Man...
HLD ETC1-HLD Datasheet
677Kb / 1P
Visual indicating fuse
logo
M-System Co.,Ltd.
48DV MSYSTEM-48DV Datasheet
95Kb / 6P
BARGRAPH INDICATING ALARM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com