Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIP3202-DC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PIP3202-DC
Description  TOPFET dual high side switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3202-DC Datasheet(HTML) 2 Page - NXP Semiconductors

  PIP3202-DC Datasheet HTML 1Page - NXP Semiconductors PIP3202-DC Datasheet HTML 2Page - NXP Semiconductors PIP3202-DC Datasheet HTML 3Page - NXP Semiconductors PIP3202-DC Datasheet HTML 4Page - NXP Semiconductors PIP3202-DC Datasheet HTML 5Page - NXP Semiconductors PIP3202-DC Datasheet HTML 6Page - NXP Semiconductors PIP3202-DC Datasheet HTML 7Page - NXP Semiconductors PIP3202-DC Datasheet HTML 8Page - NXP Semiconductors PIP3202-DC Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Philips Semiconductors
Product specification
TOPFET dual high side switch
PIP3202-DC
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
BG
Continuous supply voltage
0
50
V
I
L
Continuous load current per channel
T
mb ≤ 135˚C
-
8
A
P
D
Total power dissipation
T
mb ≤ 25˚C
-
83.3
W
T
stg
Storage temperature
-55
175
˚C
T
j
Continuous junction temperature
1
-40
150
˚C
Reverse battery voltages
2
V
GB
Continuous reverse voltage
-
16
V
V
GB
Peak reverse voltage
-
32
V
Application information
R
I, RS
External resistors
3
to limit input, status currents
3.2
-
k
Input and status currents
I
I
Continuous input current
-5
5
mA
I
S
Continuous status current
-5
5
mA
I
I
Repetitive peak input current
δ ≤ 0.1, t
p = 300 µs
-50
50
mA
I
S
Repetitive peak status current
δ ≤ 0.1, t
p = 300 µs
-50
50
mA
Inductive load clamping
V
BG = 13 V, IL = 8 A
E
BL
Non-repetitive clamping energy (one
T
j = 150˚C prior to turn-off
-
150
mJ
channel)
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor
Human body model;
-
2
kV
voltage
C = 250 pF; R = 1.5 k
1 For normal continuous operation. A higher T
j is allowed as an overload condition but at the threshold Tj(TO) the over temperature trip operates
to protect the switch.
2 Reverse battery voltage is allowed only with external resistors to ensure that the input and status currents do not exceed the limiting values.
The internal ground resistor limits the reverse battery ground current. The connected loads must limit the reverse load currents. Power
is dissipated and the T
j rating must be observed.
3 To limit currents during reverse battery and transient overvoltages (positive or negative).
September 2001
2
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com