Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADCSM0001SMB Datasheet(PDF) 1 Page - Tyco Electronics

Part # MADCSM0001SMB
Description  Dual-Band/Triple-Mode Downconverter 869 - 893 MHz and 1930 - 1990 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MADCSM0001SMB Datasheet(HTML) 1 Page - Tyco Electronics

  MADCSM0001SMB Datasheet HTML 1Page - Tyco Electronics MADCSM0001SMB Datasheet HTML 2Page - Tyco Electronics MADCSM0001SMB Datasheet HTML 3Page - Tyco Electronics MADCSM0001SMB Datasheet HTML 4Page - Tyco Electronics MADCSM0001SMB Datasheet HTML 5Page - Tyco Electronics MADCSM0001SMB Datasheet HTML 6Page - Tyco Electronics MADCSM0001SMB Datasheet HTML 7Page - Tyco Electronics MADCSM0001SMB Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dual-Band/Triple-Mode Downconverter
869 - 893 MHz and 1930 - 1990 MHz
MADCSM0001
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Features
• Highly Integrated Downconverter
• Operates over 2.8 V to 5 V Supply Voltage
• Dual-Band and Triple-Mode Operation
• High Linearity, IP3 = 10 dBm typical
• Adjustable Gain and IP3
• 4 mm 20-Lead PQFN Plastic Package
Description
M/A-COM’s MADCSM0001 is a downconverter
suitable for Dual-Band and Triple-Mode Operation.
The MADCSM0001 has a 50-ohm matched input,
consumes low DC power and incorporates an
on-chip switch that determines CDMA and AMPS
mode select.
The designer can tailor the linearity
and
gain
performance
of
the
MADCSM0001
according to the system needs.
The MADCSM0001 is ideally suited for wireless
applications where low noise, low current and high
linearity are important features.
The MADCSM0001 is fabricated using M/A-COM’s
0.5-micron low noise E/D GaAs MESFET process.
The process features full passivation for increased
performance and reliability.
Ordering Information1
Part Number
Package
MADCSM0001
Bulk Packaging
MADCSM0001TR
1000 piece reel
MADCSM0001SMB
Sample Board
1. Reference Application Note M513 for reel size information.
Pin Configuration
Pin No. Function
Description
1
CELL MIX
Cellular Mixer RF Input/ Mixer IF Output
2
GND
DC and RF Ground
3
PCS IFA IN
PCS IFA Input
4
GND
DC and RF Ground
5
PCS MIX
PCS Mixer RF Input/Mixer IF Output
6
PCS LO IN
PCS LO Buffer Input (-10 to -5 dBm)
7
GND
DC and RF Ground
8
PCS VDD
PCS Downconverter Supply Voltage. Must
be RF bypassed
9
GND
DC and RF Ground
10
CELL LO IN
Cellular LO Buffer Input (-10 to -5 dBm)
11
PCS SRC
Parallel RC network determines the PCS
IFA Current, Gain and IIP3.
12
PCS IF OUT
PCS IF Out. VDD and IF matching
required.
13
GND
DC and RF Ground
14
CELL IF
OUT2
Cellular IF Out2. VDD and IF matching
required.
15
CELL IF
OUT1
Cellular IF Out1. VDD and IF matching
required.
16
MODE SEL
Selects between Cellular IF Out1 and
IF Out2
17
MODE SEL
VDD
Mode Select Network Supply Voltage
18
CELL SRC
Parallel RC network determines the
Cellular IFA Current, Gain and IIP3.
19
CELL VDD
Cellular Downconverter Supply
Voltage. Must be RF bypassed.
20
CELL IFA IN
Cellular IFA Input
Functional Block Diagram
1
CELL MIX
GND
PCS IFA IN
GND
PCS MIX
CELL IF OUT1
CELL IF OUT2
GND
PCS IF OUT
PCS SRC
Absolute Maximum Ratings 2,3
Parameter
Absolute Maximum
Voltage
6 V
Input Power
0 dBm
Operating Temperature
-30°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - MADCSM0001SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADCSM0011 MACOM-MADCSM0011 Datasheet
167Kb / 5P
Dual Mode Cellular Downconverter 869 - 893 MHz
MADCSM0011SMB MACOM-MADCSM0011SMB Datasheet
167Kb / 5P
Dual Mode Cellular Downconverter 869 - 893 MHz
MADCSM0011TR MACOM-MADCSM0011TR Datasheet
167Kb / 5P
Dual Mode Cellular Downconverter 869 - 893 MHz
MADCSM0012 MACOM-MADCSM0012 Datasheet
202Kb / 6P
PCS LNA / Downconverter 1800-2000 MHz
MADCSM0012SMB MACOM-MADCSM0012SMB Datasheet
202Kb / 6P
PCS LNA / Downconverter 1800-2000 MHz
More results

Similar Description - MADCSM0001SMB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5590 AD-ADL5590 Datasheet
217Kb / 8P
869 MHz to 1990 MHz Quadrature Modulators
5/07-Revision 0
logo
Tyco Electronics
MADCSM0011 MACOM-MADCSM0011 Datasheet
167Kb / 5P
Dual Mode Cellular Downconverter 869 - 893 MHz
logo
Stealth Microwave, Inc.
SM1920-52LD STEALTH_MICROWAVE-SM1920-52LD Datasheet
150Kb / 3P
1930 - 1990 MHz 160 Watt Power Amplifier
logo
M/A-COM Technology Solu...
MAFR-000086-PS1C1T MA-COM-MAFR-000086-PS1C1T Datasheet
94Kb / 2P
Single Junction Drop-In Circulator 1930 MHz-1990 MHz
MAFRIN0540 MA-COM-MAFRIN0540 Datasheet
94Kb / 2P
Single Junction Drop-In Circulator 1930 MHz-1990 MHz
logo
Pasternack Enterprises,...
PE51014 PASTERNACK-PE51014 Datasheet
46Kb / 1P
Dual Band Antenna, 824 - 896 MHz / 1850 . 1990 MHz
logo
Analog Devices
ADL5590 AD-ADL5590_15 Datasheet
218Kb / 8P
869 MHz to 1990 MHz Quadrature Modulators
REV. 0
ADL5591 AD-ADL5591_15 Datasheet
218Kb / 8P
869 MHz to 1990 MHz Quadrature Modulators
REV. 0
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B201T WALSIN-RFBPF1109B201T Datasheet
619Kb / 7P
1930 ~ 1990 MHz Band Working Frequency
SF11091960B201T WALSIN-SF11091960B201T Datasheet
765Kb / 8P
1930~1990 MHz Band Working Frequency
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com